Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39870-0102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39870-0102
Description  5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39870-0102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39870-0102 Datasheet HTML 1Page - Molex Electronics Ltd. 39870-0102 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/23/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39870-0102
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Beau™ Eurostyle™ Pluggable PCB Terminal Block, 180° Wire Entry, 2
Circuits
Replacement Part
Number:
39520-0002
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR25562
UL
E48521
General
Product Family
Terminal Blocks
Series
39870
Application
N/A
Comments
Gold plating and green housing available
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Pluggable
Replacement Part Number
39520-0002
Type
Euro Block
UPC
800753317543
Physical
Circuits (Loaded)
2
Color - Resin
Black
Entry Angle
180° Angle
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
3.617/g
Number of Rows
1
Orientation
Horizontal
PCB Retention
N/A
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Plating min - Mating
5.080µm
Plating min - Termination
5.080µm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
110°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.20 - 2.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39870Series
Mates With
39870 Headers


Similar Part No. - 39870-0102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39870-0104 MOLEX11-39870-0104 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
More results

Similar Description - 39870-0102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39870-0104 MOLEX11-39870-0104 Datasheet
40Kb / 2P
   5.00mm Pitch Beau Eurostyle Pluggable PCB Terminal Block
39371-0012 MOLEX11-39371-0012 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39374-0810 MOLEX11-39374-0810 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39374-0909 MOLEX11-39374-0909 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39374-0905 MOLEX11-39374-0905 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39374-0910 MOLEX11-39374-0910 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39371-0011 MOLEX11-39371-0011 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39374-0911 MOLEX11-39374-0911 Datasheet
45Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39357-0020 MOLEX11-39357-0020 Datasheet
38Kb / 2P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
39371-0009 MOLEX11-39371-0009 Datasheet
43Kb / 1P
   7.50mm Beau Eurostyle Pluggable PCB Terminal Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com