Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD2.0ES Datasheet(PDF) 4 Page - NEC

Part # RD2.0ES
Description  400 mW DHD ZENER DIODE DO-34
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD2.0ES Datasheet(HTML) 4 Page - NEC

  RD2.0ES Datasheet HTML 1Page - NEC RD2.0ES Datasheet HTML 2Page - NEC RD2.0ES Datasheet HTML 3Page - NEC RD2.0ES Datasheet HTML 4Page - NEC RD2.0ES Datasheet HTML 5Page - NEC RD2.0ES Datasheet HTML 6Page - NEC RD2.0ES Datasheet HTML 7Page - NEC RD2.0ES Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
RD2.0ES to RD39ES
Data Sheet D13935EJ6V0DS00
TYPICAL CHARACTERISTICS (TA = 25
°C)
Fig. 1
ZENER CURRENT vs.
ZENER VOLTAGE
Fig. 2
ZENER CURRENT vs.
ZENER VOLTAGE
Fig. 3
ZENER CURRENT vs.
ZENER VOLTAGE
Fig. 4
ZENER CURRENT vs.
ZENER VOLTAGE
Fig. 5
ZENER CURRENT vs.
ZENER VOLTAGE
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
01
23
45
VZ – Zener Voltage – V
6
789 10
RD2.2ES
RD2.0ES
RD2.4ES
RD2.7ES
RD3.0ES
RD3.3ES
RD3.6ES
RD3.9ES
RD8.2ES
RD7.5ES
RD5.6ES
RD5.1ES
RD4.7ES
RD4.3ES
RD6.2ES
RD6.8ES
µ
µ
µ
RD9.1ES
0 18 2022 24262830
RD27ES
RD22ES RD24ES
RD30ES
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
VZ – Zener Voltage – V
µ
µ
µ
025
30
35
40
RD33ES RD36ES
RD39ES
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
VZ – Zener Voltage – V
µ
µ
µ
0 1213 14 1516 1718 19 20
RD15ES RD16ES RD18ES
RD20ES
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
VZ – Zener Voltage – V
µ
µ
µ
0
7
8
9 10 11 12 13 14 15
RD12ES
RD11ES
RD10ES
RD13ES
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
VZ – Zener Voltage – V
µ
µ
µ


Similar Part No. - RD2.0ES

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD2.0ES EIC-RD2.0ES Datasheet
162Kb / 5P
   ZENER DIODES
More results

Similar Description - RD2.0ES

ManufacturerPart #DatasheetDescription
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD39JS NEC-RD39JS Datasheet
44Kb / 8P
   DO-34 Package Low noise, Sharp Breakdown characteristics 400 mW Zener Diode
logo
Tak Cheong Electronics ...
TCMZ2V0 TAK_CHEONG-TCMZ2V0 Datasheet
172Kb / 5P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCMTZJ2V0 TAK_CHEONG-TCMTZJ2V0 Datasheet
174Kb / 6P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
MZ2V0 YEASHIN-MZ2V0 Datasheet
494Kb / 2P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Micro Commercial Compon...
BZT52B3V0BS MCC-BZT52B3V0BS Datasheet
389Kb / 3P
   400 mW Zener Diode 3.0 to 51 Volts
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5728 MICROSEMI-1N5728 Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com