Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6608TR1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6608TR1
Description  Application Specific MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6608TR1 Datasheet(HTML) 2 Page - International Rectifier

  IRF6608TR1 Datasheet HTML 1Page - International Rectifier IRF6608TR1 Datasheet HTML 2Page - International Rectifier IRF6608TR1 Datasheet HTML 3Page - International Rectifier IRF6608TR1 Datasheet HTML 4Page - International Rectifier IRF6608TR1 Datasheet HTML 5Page - International Rectifier IRF6608TR1 Datasheet HTML 6Page - International Rectifier IRF6608TR1 Datasheet HTML 7Page - International Rectifier IRF6608TR1 Datasheet HTML 8Page - International Rectifier IRF6608TR1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF6608
2
www.irf.com
S
D
G
Notes:
… Used double sided cooling, mounting pad.
† Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
‡ TC measured with thermal couple mounted to top (Drain) of part.
ˆ Rθ is measured at TJ of approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
29
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.0
9.0
m
–––
8.0
11
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.4
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
30
µA
–––
–––
100
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
28
–––
–––
S
Qg
Total Gate Charge
–––
16
24
Qgs1
Pre-Vth Gate-to-Source Charge
–––
4.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.4
–––
nC
Qgd
Gate-to-Drain Charge
–––
5.3
–––
Qgodr
Gate Charge Overdrive
–––
4.7
–––
See Fig. 16
Qsw
Switch Charge (Qgs2 + Qgd)
–––
6.7
–––
Qoss
Output Charge
–––
11
–––
nC
td(on)
Turn-On Delay Time
–––
13
–––
tr
Rise Time
–––
12
–––
td(off)
Turn-Off Delay Time
–––
16
–––
ns
tf
Fall Time
–––
3.4
–––
Ciss
Input Capacitance
–––
2120
–––
Coss
Output Capacitance
–––
440
–––
pF
Crss
Reverse Transfer Capacitance
–––
260
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
c
mJ
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS
Continuous Source Current
–––
–––
13
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
100
(Body Diode)
c
VSD
Diode Forward Voltage
–––
0.94
1.2
V
trr
Reverse Recovery Time
–––
31
47
ns
Qrr
Reverse Recovery Charge
–––
33
50
nC
–––
VGS = 4.5V
Typ.
–––
–––
ID = 8.8A
VGS = 0V
VDS = 15V
ID = 8.8A
54
TJ = 25°C, IF = 8.8A
di/dt = 100A/µs
e
TJ = 25°C, IS = 8.8A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
8.8
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 13A
e
Max.
VGS = 4.5V, ID = 10A
e
VDS = VGS, ID = 250µA
VDS = 24V, VGS = 0V
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 8.8A
Conditions
0.21
ƒ = 1.0MHz
VDS = 15V, VGS = 0V
VDD = 15V, VGS = 4.5V
e
VDS = 24V, VGS = 0V, TJ = 125°C
VDS = 15V
VGS = 12V
VGS = -12V
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 1.38mH
RG = 25Ω, IAS = 8.8A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Surface mounted on 1 in. square Cu board.


Similar Part No. - IRF6608TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6608 IRF-IRF6608 Datasheet
178Kb / 8P
   lHEXFET Power MOSFET
More results

Similar Description - IRF6608TR1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com