Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM0103ND3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPM0103ND3
Description  Amplified Mini SiSonic Microphone Specification
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPM0103ND3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPM0103ND3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPM0103ND3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Knowles Acoustics,
a division of Knowles Electronics, LLC.
Revision: C
2 of 10
SPM0103ND3
1. DESCRIPTION AND APPLICATION
2. PART MARKING
3. TEMPERATURE RANGE
1.1 Description
Amplified “Mini” Surface Mount Silicon Microphone
with standard RF Protection
1.2 Application
Hand held telecommunication devices
3.1 Operating Temperature Range: -40°C to +100°C
3.2 Storage Temperature Range:
-40°C to +100°C
Identification Number Convention
S
1
2
3
4
5
6
S: Manufacturing Location
“S” – Knowles Electronics Suzhou
Suzhou, China
“ No Alpha Character” – Knowles Electronics Itasca
Itasca, IL USA
“ E” – Engineering Samples
Digits 1 – 6: Job Identification Number
Identification
Number
Pin 1


Similar Part No. - SPM0103ND3

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
SPM0103ND3 KNOWLES-SPM0103ND3 Datasheet
325Kb / 10P
   Amplified ?쏮ini??Surface Mount Silicon Microphone with standard RF Protection
More results

Similar Description - SPM0103ND3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP0103BE3 ETC-SP0103BE3 Datasheet
417Kb / 11P
   Zero Height Amplified SiSonic Microphone Specification
logo
Knowles Electronics
SPM0208HE5 KNOWLES-SPM0208HE5 Datasheet
945Kb / 10P
   Enhanced RF Protected Amplified ?쏮ini??SiSonic??Microphone Specification
SPM0404HD5H-PB KNOWLES-SPM0404HD5H-PB Datasheet
839Kb / 10P
   Mini SiSonic Microphone Specification - Halogen Free
SP0208LE5 KNOWLES-SP0208LE5 Datasheet
1Mb / 11P
   Amplified ?쏾ero Height??SiSonic??Microphone with Enhanced RF Specification
SP0204LE5 KNOWLES-SP0204LE5 Datasheet
1Mb / 10P
   ?쏾ero Height??SiSonic??Microphone Specification
SPU0414HR5H KNOWLES-SPU0414HR5H Datasheet
274Kb / 11P
   Amplified "Ultra-Mini" SiSonicTM Microphone Specification With MaxRF Protection
SPM0405HE4H KNOWLES-SPM0405HE4H Datasheet
256Kb / 11P
   Halogen Free Enhanced RF Protected Digital Mini SiSonic Microphone Specification
SPM0204LE5H-QB KNOWLES-SPM0204LE5H-QB Datasheet
185Kb / 10P
   Halogen Free Enhanced RF Protected Zero Height Mini??SiSonic??Microphone Specification
SPM0408HD5H-SB KNOWLES-SPM0408HD5H-SB Datasheet
890Kb / 10P
   Amplified Mini Surface Mount Silicon Microphone Halogen Free
SPH0644LM4H-1 KNOWLES-SPH0644LM4H-1 Datasheet
1Mb / 11P
   MULTIMODE DIGITAL BOTTOM PORT SISONIC MICROPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com