Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # MSS50
Description  Back to back SCR module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSS50 Datasheet(HTML) 2 Page - STMicroelectronics

  MSS50 Datasheet HTML 1Page - STMicroelectronics MSS50 Datasheet HTML 2Page - STMicroelectronics MSS50 Datasheet HTML 3Page - STMicroelectronics MSS50 Datasheet HTML 4Page - STMicroelectronics MSS50 Datasheet HTML 5Page - STMicroelectronics MSS50 Datasheet HTML 6Page - STMicroelectronics MSS50 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Characteristics
MSS40, MSS50
2/7
1
Characteristics
Table 3.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
MSS40
MSS50
VDRM/VRRM Repetitive peak off-state voltage
1200
800
1200
V
IT(RMS)
RMS on-state current
Tc = 80° C
55
A
Tc = 85° C
70
ITSM
Non repetitive surge peak on-state
current
tp = 16.7 ms
Tj = 25° C
420
630
A
tp = 20 ms
400
600
I2tI2t Value for fusing
tp = 10 ms
Tj = 25° C
800
1800
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
4
A
PG(AV)
Average gate power dissipation
Tj = 125° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
VRGM
Maximum peak reverse gate voltage
5
V
Table 4.
Electrical characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
MSS40
MSS50
IGT
VD = 12 V
RL = 33 Ω
MIN.
5
mA
MAX.
50
VGT
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125° C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
80
mA
IL
IG = 1.2 IGT
MAX.
120
mA
dV/dt
VD = 67 % VDRM Gate open
Tj = 125° C
MIN.
1000
V/µs
VTM
ITM = 80 A tp = 380 µs
Tj = 25° C
MAX.
1.7
V
ITM = 100 A tp = 380 µs
1.7
Vt0
Threshold voltage
Tj = 125° C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125° C
MAX.
11
7
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25° C
MAX.
20
µA
Tj = 125° C
10
mA
Table 5.
Thermal reistances
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
MSS40
0.6
° C/W
MSS50
0.45


Similar Part No. - MSS50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS50 STMICROELECTRONICS-MSS50 Datasheet
150Kb / 5P
   BACK TO BACK SCR MODULE
logo
Comset Semiconductor
MSS50 COMSET-MSS50 Datasheet
126Kb / 4P
   BACK TO BACK SCR MODULE
logo
M/A-COM Technology Solu...
MSS50-048-C15 MA-COM-MSS50-048-C15 Datasheet
678Kb / 5P
   High Barrier Silicon Schottky Diodes
MSS50-048-P55 MA-COM-MSS50-048-P55 Datasheet
678Kb / 5P
   High Barrier Silicon Schottky Diodes
MSS50-048-P86 MA-COM-MSS50-048-P86 Datasheet
678Kb / 5P
   High Barrier Silicon Schottky Diodes
More results

Similar Description - MSS50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
   BACK TO BACK SCR MODULE
logo
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
   BACK TO BACK SCR MODULE
logo
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
   Back to Back SCR Module
logo
Kersemi Electronic Co.,...
MSS40-800 KERSEMI-MSS40-800 Datasheet
459Kb / 5P
   BACK TO BACK SCR MODULE
logo
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
   high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
   Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Glenair, Inc.
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
   Mighty Mouse High-Speed Back-to-Back
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
   Dual Row Nano Back-to-Back Connector
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
   Nanominiature Connectors Double Row Back-To-Back
logo
NXP Semiconductors
NX30P0121UK NXP-NX30P0121UK Datasheet
483Kb / 21P
   High-voltage back-to-back OVP switch
Rev. 1.0 - 19 June 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com