Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF998_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF998_2015
Description  Silicon N-channel dual-gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF998_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF998_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF998_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1996 Aug 01
7
Philips Semiconductors
Product specification
Silicon N-channel dual-gate MOS-FETs
BF998; BF998R
Fig.13 Input admittance as a function of the
frequency; typical values.
VDS = 8 V; VG2-S = 4 V; ID = 10 mA; Tamb =25 °C.
10 3
MGC466
102
10
10 2
1
10
10 1
y is
(mS)
f (MHz)
b is
g is
Fig.14 Reverse transfer admittance and phase as a
function of frequency; typical values.
VDS = 8 V; VG2-S = 4 V; ID = 10 mA; Tamb =25 °C.
10 3
MGC467
102
10
10 3
10 2
10
1
y rs
10 3
10
10
1
2
(
µS)
f (MHz)
rs
yrs
(deg)
rs
ϕ
ϕ
Fig.15 Forward transfer admittance and phase as a
function of frequency; typical values.
VDS = 8 V; VG2-S = 4 V; ID = 10 mA; Tamb =25 °C.
10 3
MGC468
102
10
1
10 2
10
1
10
10
2
y fs
(mS)
y fs
f (MHz)
(deg)
fs
fs
ϕ
ϕ
Fig.16 Output admittance as a function of the
frequency; typical values.
VDS = 8 V; VG2-S = 4 V; ID = 10 mA; Tamb =25 °C.
10 3
MGC469
102
10
10 1
10
1
10 2
yos
(mS)
f (MHz)
bos
gos


Similar Part No. - BF998_2015

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF998A VISHAY-BF998A Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF998A VISHAY-BF998A Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998A-GS08 VISHAY-BF998A-GS08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998B VISHAY-BF998B Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
NXP Semiconductors
BF998R PHILIPS-BF998R Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
More results

Similar Description - BF998_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF998 PHILIPS-BF998 Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
BF901 PHILIPS-BF901 Datasheet
46Kb / 7P
   Silicon n-channel dual gate MOS-FETs
November 1992
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com