Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1100_2015 Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1100_2015
Description  Dual-gate MOS-FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1100_2015 Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1100_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1995 Apr 25
9
Philips Semiconductors
Product specification
Dual-gate MOS-FETs
BF1100; BF1100R
Fig.19 Input admittance as a function of
frequency; typical values.
VDS = 9 V; VG2 =4V.
ID = 10 mA; Tamb =25 °C.
handbook, halfpage
10 3
MLD172
102
10
10 1
10 2
10
1
y is
(mS)
f (MHz)
b is
g is
VDS = 9 V; VG2 =4V.
ID = 10 mA; Tamb =25 °C.
Fig.20 Reverse transfer admittance and phase as
a function of frequency; typical values.
10 3
MLD173
102
10
10 3
10 2
10
1
y rs
10 3
10
10
1
2
(
µS)
f (MHz)
yrs
rs
(deg)
ϕ
rs
ϕ
Fig.21 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 9 V; VG2 =4V.
ID = 10 mA; Tamb =25 °C.
10 3
MLD174
102
10
1
10 2
10
1
10
10
2
y fs
(mS)
y fs
f (MHz)
fs
(deg)
ϕ
fs
ϕ
Fig.22 Output admittance as a function of
frequency; typical values.
VDS = 9 V; VG2 =4V.
ID =10 mA; Tamb =25 °C.
handbook, halfpage
10 3
MLD175
102
10
10 1
10
1
10 2
yos
(mS)
f (MHz)
bos
gos


Similar Part No. - BF1100_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1100R PHILIPS-BF1100R Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
BF1100R NXP-BF1100R Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

Similar Description - BF1100_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
BF1100 PHILIPS-BF1100 Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com