Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1102_2015 Datasheet(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1102_2015
Description  Dual N-channel dual gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1102_2015 Datasheet(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1102_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 13Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 14Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1102_2015 Datasheet HTML 15Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2000 Apr 11
11
Philips Semiconductors
Product specification
Dual N-channel dual gate MOS-FETs
BF1102; BF1102R
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
97-02-28


Similar Part No. - BF1102_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102(R) NXP-BF1102(R) Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
CoolCox Limited All rig...
BF11025 COOLCOX-BF11025 Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12D COOLCOX-BF11025H12D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H12S COOLCOX-BF11025H12S Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
BF11025H24D COOLCOX-BF11025H24D Datasheet
357Kb / 1P
   DC Blower Fan 110x110x25mm
More results

Similar Description - BF1102_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1203 JMNIC-BF1203_15 Datasheet
172Kb / 20P
   Dual N-channel dual gate MOS-FETs
BF1102 JMNIC-BF1102_15 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com