Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT80C58X2 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT80C58X2
Description  8051 pin and instruction compatible
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C58X2 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT80C58X2_14 Datasheet HTML 1Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 2Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 3Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 4Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 5Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 6Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 7Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 8Page - ATMEL Corporation AT80C58X2_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
3
4431E–8051–04/06
AT/TS8xC54/8X2
4.
SFR Mapping
The Special Function Registers (SFRs) of the TS80C54/58X2 fall into the following categories:
• C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
• I/O port registers: P0, P1, P2, P3
• Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2, RCAP2L,
RCAP2H
• Serial I/O port registers: SADDR, SADEN, SBUF, SCON
• Power and clock control registers: PCON
• HDW Watchdog Timer Reset: WDTRST, WDTPRG
• Interrupt system registers: IE, IP, IPH
• Others: AUXR, CKCON


Similar Part No. - AT80C58X2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C58X2ZZZ-3CSUL ATMEL-AT80C58X2ZZZ-3CSUL Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT80C58X2ZZZ-3CSUM ATMEL-AT80C58X2ZZZ-3CSUM Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT80C58X2ZZZ-3CSUV ATMEL-AT80C58X2ZZZ-3CSUV Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT80C58X2ZZZ-RLTUL ATMEL-AT80C58X2ZZZ-RLTUL Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT80C58X2ZZZ-RLTUM ATMEL-AT80C58X2ZZZ-RLTUM Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results

Similar Description - AT80C58X2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT80C54 ATMEL-AT80C54_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
AT87C54 ATMEL-AT87C54_14 Datasheet
527Kb / 62P
   8051 pin and instruction compatible
80C32E ATMEL-80C32E_14 Datasheet
285Kb / 20P
   8032 Pin and Instruction Compatible
TS80C31X2 ATMEL-TS80C31X2_14 Datasheet
376Kb / 42P
   8031 pin and instruction compatible
AT80C31X2 ATMEL-AT80C31X2_14 Datasheet
376Kb / 42P
   8031 pin and instruction compatible
logo
SINOWEALTH Electronic L...
SH79F1617 SINOWEALTH-SH79F1617 Datasheet
1Mb / 99P
   8bits micro-controller with Pipe-line structured 8051 compatible instruction set
V2.0
logo
List of Unclassifed Man...
UMFT51AA-01 ETC2-UMFT51AA-01 Datasheet
875Kb / 17P
   UMFT51AA 8051 Compatible Module
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
logo
Freescale Semiconductor...
MC912DG128ACPVE FREESCALE-MC912DG128ACPVE Datasheet
2Mb / 478P
   Upward compatible with M68HC11 instruction set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com