Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87C58X2 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT87C58X2
Description  Automatic address recognition
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C58X2 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT87C58X2_14 Datasheet HTML 4Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 5Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 6Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 7Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 8Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 9Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 10Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 11Page - ATMEL Corporation AT87C58X2_14 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
8
4431E–8051–04/06
AT/TS8xC54/8X2
6.
TS80C54/58X2 Enhanced Features
In comparison to the original 80C52, the TS80C54/58X2 implements some new features, which
are:
• The X2 option.
• The Dual Data Pointer.
• The Watchdog.
• The 4 level interrupt priority system.
• The power-off flag.
• The ONCE mode.
• The ALE disabling.
• Some enhanced features are also located in the UART and the timer 2.
6.1
X2 Feature
The TS80C54/58X2 core needs only 6 clock periods per machine cycle. This feature called ”X2”
provides the following advantages:
• Divide frequency crystals by 2 (cheaper crystals) while keeping same CPU power.
• Save power consumption while keeping same CPU power (oscillator power saving).
• Save power consumption by dividing dynamically operating frequency by 2 in operating and
idle modes.
• Increase CPU power by 2 while keeping same crystal frequency.
In order to keep the original C51 compatibility, a divider by 2 is inserted between the XTAL1 sig-
nal and the main clock input of the core (phase generator). This divider may be disabled by
software.
6.1.1
Description
The clock for the whole circuit and peripheral is first divided by two before being used by the
CPU core and peripherals. This allows any cyclic ratio to be accepted on XTAL1 input. In X2
mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic ratio between 40 to
60%. Figure 6-2. shows the clock generation block diagram. X2 bit is validated on XTAL1
÷2 ris-
ing edge to avoid glitches when switching from X2 to STD mode. Figure 6-2. shows the mode
switching waveforms.
Figure 6-1.
Clock Generation Diagram
XTAL1
2
CKCON reg
X2
state machine: 6 clock cycles.
CPU control
FOSC
FXTAL
0
1
XTAL1:2


Similar Part No. - AT87C58X2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C58X2-3CSUL ATMEL-AT87C58X2-3CSUL Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT87C58X2-3CSUM ATMEL-AT87C58X2-3CSUM Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT87C58X2-3CSUV ATMEL-AT87C58X2-3CSUV Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT87C58X2-RLTUL ATMEL-AT87C58X2-RLTUL Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
AT87C58X2-RLTUM ATMEL-AT87C58X2-RLTUM Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results

Similar Description - AT87C58X2_14

ManufacturerPart #DatasheetDescription
logo
SHENZHEN CORETECH MICRO...
CT3582C CORETECH-CT3582C Datasheet
180Kb / 2P
   Constant current charging with automatic recognition of universal charger controller
2009-03-16
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
   SPEECH RECOGNITION
logo
OSRAM GmbH
SFH4060 OSRAM-SFH4060 Datasheet
975Kb / 17P
   Gesture Recognition
V205Q121A-940 OSRAM-V205Q121A-940 Datasheet
1Mb / 20P
   Gesture Recognition
logo
List of Unclassifed Man...
RSC-300 ETC2-RSC-300 Datasheet
118Kb / 8P
   Speech Recognition Microcontroller
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
logo
Murata Manufacturing Co...
BS05C MURATA-BS05C Datasheet
220Kb / 10P
   Magnetic Pattern Recognition Sensors
logo
Pixart Imaging Inc.
PAJ7620U2 PIXART-PAJ7620U2 Datasheet
1Mb / 28P
   Integrated Gesture Recognition Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com