Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP305 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TCP305
Description  AC/DC Current Measurement Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP305 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TCP305 Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP305 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TCPA300/TCPA400 amplifier
calibration adapter
174-4765-00
Power measurements deskew
fixture for TCP202A, TCP305A,
TCP312A, TCP303 probes
067-1478-00
Warranty
One year parts and labor.
Power requirements
Amplifiers
90 V to 264 V, 47 to 440 Hz, 50 W; Maximum CAT II (auto switch)
Probes
TCP312A, TCP305A, TCP303 probes require a TCPA300 Amplifier; TCP404XL probe requires a TCPA400 Amplifier
Options
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
ServiceOptions
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R3
Repair Service 3 Years (including warranty)
Opt. R3DW
Repair Service Coverage 3 Years (includes product warranty period). 3-year period starts at time of instrument purchase
Opt. R5
Repair Service 5 Years (including warranty)
Opt. R5DW
Repair Service Coverage 5 Years (includes product warranty period). 5-year period starts at time of instrument purchase
Opt. SILV400
Standard warranty extended to 5 years (TCP305A, TCP312A, TCPA300, TCPA400 )
Opt. SILV600
Standard warranty extended to 5 years (TCP303, TCP404XL)
AC/DC Current Measurement Systems
www.tektronix.com 5


Similar Part No. - TCP305

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TCP305 TEKTRONIX-TCP305 Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
TCP305 TEKTRONIX-TCP305 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TCP305A ETC2-TCP305A Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TCP305A TEKTRONIX-TCP305A Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
TCP305A TEKTRONIX-TCP305A Datasheet
961Kb / 18P
   Mixed Signal Oscilloscopes
More results

Similar Description - TCP305

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
750-494-000-005 WAGO-750-494-000-005 Datasheet
471Kb / 11P
   Power measurement; AC/DC 277V; external shunts
logo
List of Unclassifed Man...
TCP0020 ETC2-TCP0020 Datasheet
336Kb / 4P
   AC/DC Current Probes
logo
LEM
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
logo
Agilent(Hewlett-Packard...
N2780A HP-N2780A Datasheet
343Kb / 4P
   AC/DC Current Probes
logo
LEM
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
logo
ASM GmbH
6862 ASM-SENSOR-6862 Datasheet
956Kb / 2P
   AC/DC CURRENT SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com