Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCP312A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCP312A
Description  AC/DC Current Measurement Systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCP312A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCP312A Datasheet HTML 1Page - List of Unclassifed Manufacturers TCP312A Datasheet HTML 2Page - List of Unclassifed Manufacturers TCP312A Datasheet HTML 3Page - List of Unclassifed Manufacturers TCP312A Datasheet HTML 4Page - List of Unclassifed Manufacturers TCP312A Datasheet HTML 5Page - List of Unclassifed Manufacturers TCP312A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC/DC Current Measurement Systems
TCPA300, TCP312A, TCP305A, TCP303, TCPA400, TCP404XL Datasheet
The TCP300 and TCP400 Series AC/DC current measurement family is a
highly advanced current measurement system for today's current
measurement needs. When connected to Tektronix oscilloscopes with
TEKPROBE Level II, TekConnect (w/ TCA-BNC), or TekVPI (w/ TPA-BNC)
interfaces, current measurements and calculations are simple and easy.
Key performance specifications
DC - 100 MHz, Current Probe Amplifier (TCPA300) uses:
DC - 100 MHz, 30 A DC (TCP312A)
DC - 50 MHz, 50 A DC (TCP305A)
DC - 15 MHz, 150 A DC (TCP303)
DC - 50 MHz, Current Probe Amplifier (TCPA400) Uses:
DC - 2 MHz, 750 A DC1 (TCP404XL) (500 A DC Continuous)
1Derated with duty cycle
Key features
Automatic scaling and units2 - Oscilloscope on-screen readout of
magnitude and amps reduces measurement errors with no more hand
calculations
AC/DC input coupling
Low insertion impedance reduces device under test loading
Split-core construction allows easy circuit connection
Status indicators provide visual operating status and notification of
potential error conditions - degauss, probe open, overload, not
terminated into 50 Ω, noncompatible probe type
Low DC drift and noise allows improved low-level current
measurements
3rd party safety certification
2 Requires a TDS TEKSCOPE oscilloscope or a TekConect oscilloscope
with TCA-BNC adapter
Applications
Development and analysis solutions for designers, installers, and
service personnel in telecom, data comm, computer, and
semiconductor power electronics environments for:
Power supplies (switching and linear)
Semiconductor devices (SCRs, IGBTs, MOSFETs, CMOS, BJTs)
Power inverters/converters
Electronic ballasts
Industrial/consumer electronics
Mobile communications (phone, satellite, relay stations)
Motor drives
Transportation systems (electronic vehicles, electric trains, locomotives,
avionics)
Meets today's AC/DC current measurement
applications
The TCPA300 amplifier, when used with TCP312A, TCP305A, or TCP303
probes, provides a wide range of current measurement capability and spans
the gap between low-level milliamp measurements to very high current
levels. These three probes provide current measurement capabilities of
30 A, 50 A, and 150 A DC continuous. For even higher current levels, the
TCPA400 amplifier with the TCP404XL current probe measures 500 A DC
continuous and 750 A DC continuous, derated with duty cycle.
Higher-frequency performance is available with the TCP312A w/TCPA300
providing ≥100 MHz bandwidth and a maximum current of 30 A DC.


Similar Part No. - TCP312A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCP312A ETC2-TCP312A Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TCP312A TEKTRONIX-TCP312A Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
More results

Similar Description - TCP312A

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
750-494-000-005 WAGO-750-494-000-005 Datasheet
471Kb / 11P
   Power measurement; AC/DC 277V; external shunts
logo
List of Unclassifed Man...
TCP0020 ETC2-TCP0020 Datasheet
336Kb / 4P
   AC/DC Current Probes
logo
LEM
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
logo
Agilent(Hewlett-Packard...
N2780A HP-N2780A Datasheet
343Kb / 4P
   AC/DC Current Probes
logo
LEM
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
logo
ASM GmbH
6862 ASM-SENSOR-6862 Datasheet
956Kb / 2P
   AC/DC CURRENT SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com