Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1206F_2015 Datasheet(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BF1206F_2015
Description  Dual N-channel dual gate MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1206F_2015 Datasheet(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1206F_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1206F_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
BF1206F_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 30 January 2006
8 of 20
Philips Semiconductors
BF1206F
Dual N-channel dual gate MOSFET
VDS(A) = 2.8 V; VGG = 2.8 V; ID(nom) = 4 mA;
Tamb =25 °C.
VDS(A) = 2.8 V; VGG = 2.8 V; VG2(nom) = 2.5 V;
fw = 50 MHz; funw = 60 MHz; ID(nom) = 4 mA;
Tamb =25 °C.
Fig 10. Amplifier A: typical gain reduction as a function
of the AGC voltage; typical values
Fig 11. Amplifier A: unwanted voltage for 1 %
cross-modulation as a function of gain
reduction; typical values
VDS(A) = 2.8 V; VGG = 2.8 V; VG2(nom) = 2.5 V; RG1(A) = 270 kΩ; f = 50 MHz; Tamb =25 °C.
Fig 12. Amplifier A: typical drain current as a function of gain reduction; typical values
001aad904
VAGC (V)
03
2
1
30
20
40
10
0
gain
reduction
(dB)
50
001aad905
gain reduction (dB)
060
40
20
90
100
110
Vunw
(dB
µV)
80
001aad906
gain reduction (dB)
060
40
20
2
3
1
4
5
ID
(mA)
0


Similar Part No. - BF1206F_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
More results

Similar Description - BF1206F_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com