Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3103FN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TCS3103FN
Description  The technical content of this TAOS datasheet is still valid.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCS3103FN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TCS3103FN Datasheet HTML 5Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 6Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 7Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 8Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 9Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 10Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 11Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 12Page - List of Unclassifed Manufacturers TCS3103FN Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TCS3103, TCS3104
LIGHT-TO-VOLTAGE COLOR SENSOR
TAOS108B − JULY 2010
8
r
r
Copyright
E 2010, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
MECHANICAL DATA
TOP VIEW
DETAIL A
2.18
+ 0.05
Ao
0.254
+ 0.02
5
5 Max
4.00
8.00
3.50
+ 0.05
j 1.50
4.00
2.00
+ 0.05
+ 0.30
− 0.10
1.75
B
B
AA
j 1.00
+ 0.25
DETAIL B
2.18
+ 0.05
Bo
5
5 Max
0.83
+ 0.05
Ko
NOTES: A. All linear dimensions are in millimeters. Dimension tolerance is
± 0.10 mm unless otherwise noted.
B. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
C. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481−B 2001.
D. Each reel is 178 millimeters in diameter and contains 3500 parts.
E. TAOS packaging tape and reel conform to the requirements of EIA Standard 481−B.
F. In accordance with EIA standard, device pin 1 is located next to the sprocket holes in the tape.
G. This drawing is subject to change without notice.
Figure 8. Package FN Carrier Tape


Similar Part No. - TCS3103FN

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3103 TAOS-TCS3103 Datasheet
169Kb / 12P
   LIGHT-TO-VOLTAGE COLOR SENSOR
logo
ams AG
TCS3103 AMSCO-TCS3103 Datasheet
755Kb / 13P
   LIGHT-TO-VOLTAGE COLOR SENSOR
More results

Similar Description - TCS3103FN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
   The technical content of this TAOS datasheet is still valid
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
   The technical content of this TAOS datasheet is still valid
logo
Freescale Semiconductor...
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
STMicroelectronics
TN0047 STMICROELECTRONICS-TN0047 Datasheet
133Kb / 9P
   The purpose of this technical
TN0516 STMICROELECTRONICS-TN0516 Datasheet
291Kb / 11P
   This technical note is an overview of the main features
TN1189 STMICROELECTRONICS-TN1189 Datasheet
165Kb / 4P
   The purpose of this technical note
logo
Silicon Laboratories
1302261 SILABS-1302261 Datasheet
148Kb / 3P
   Version 0.5 of the SiM3L1xx datasheet is now available
logo
Texas Instruments
OMAP5910JZZG2 TI-OMAP5910JZZG2 Datasheet
2Mb / 171P
[Old version datasheet]   This document has been reviewed for technical accuracy; the technical content is up-to-date as of the specified release date and includes the following changes
logo
REAN
NYS367-2 REAN-NYS367-2 Datasheet
161Kb / 1P
   THIS DOCUMENT IS THE PROPERTY OF NEUTRIK.
2015.06.18
logo
Silicon Laboratories
1303191 SILABS-1303191 Datasheet
216Kb / 3P
   Version 1.5 of the CP2102/9 datasheet is now available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com