Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG35_2015 Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG35_2015
Description  NPN 4 GHz wideband transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG35_2015 Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG35_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG35_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 Aug 24
3
Philips Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFG35
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
2. dim = −60 dB (DIN 45004B); IC = 100 mA; VCE = 10 V; RL =75 Ω; Tamb =25 °C
Vp =Vo at dim = −60 dB; fp = 795.25 MHz;
Vq =Vo −6 dB; fq = 803.25 MHz;
Vr =Vo −6 dB; fr = 805.25 MHz;
measured at f(p+q−r) = 793.25 MHz.
3. dim = −60 dB (DIN 45004B); IC = 100 mA; VCE = 10 V; RL =75 Ω; Tamb =25 °C
Vp =Vo at dim = −60 dB; fp = 445.25 MHz;
Vq =Vo −6 dB; fq = 453.25 MHz;
Vr =Vo −6 dB; fr = 455.25 MHz;
measured at f(p+q−r) = 443.25 MHz.
4. IC = 60 mA; VCE = 10 V; RL =75 Ω;
Vp =Vq =Vo = 50 dBmV;
f(p+q) = 450 MHz; fp = 50 MHz; fq = 400 MHz.
5. IC = 60 mA; VCE = 10 V; RL =75 Ω;
Vp =Vq =VO = 50 dBmV;
f(p+q) = 810 MHz; fp = 250 MHz; fq = 560 MHz.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
up to Ts = 135 °C (note 1)
40
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =10V
−−
1
µA
hFE
DC current gain
IC = 100 mA; VCE =10V
25
70
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
2
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
10
pF
Cre
feedback capacitance
IC = 0; VCE =10V; f=1MHz
1.2
pF
fT
transition frequency
IC = 100 mA; VCE =10V;
f = 500 MHz; Tamb =25 °C
4
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 100 mA; VCE =10V;
f = 500 MHz; Tamb =25 °C
15
dB
IC = 100 mA; VCE =10V;
f = 800 MHz; Tamb =25 °C
11
dB
Vo
output voltage
note 2
750
mV
note 3
800
mV
d2
second order intermodulation
distortion
note 4
−−55
dB
note 5
−−57
dB
G
UM
10
s
21
2
1s
11
2
() 1s
22
2
()
-------------------------------------------------------- dB.
log
=


Similar Part No. - BFG35_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
More results

Similar Description - BFG35_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
   NPN 4 GHz wideband transistor
NOVEMBER 1992
logo
NXP Semiconductors
BFQ68 PHILIPS-BFQ68 Datasheet
74Kb / 10P
   NPN 4 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
   NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
   NPN 4 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com