Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP51RD2 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT89LP51RD2
Description  8-bit Microcontroller Compatible with 8051 Products
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RD2 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT89LP51RD2_14 Datasheet HTML 5Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 6Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 7Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 8Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 9Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 10Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 11Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 12Page - ATMEL Corporation AT89LP51RD2_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
3714AS–MICRO–7/11
AT89LP51RD2/ED2/ID2 Summary - Preliminary
2.3
Comparison to the Atmel AT89C51RD2/ED2/ID2
The Atmel
® AT89LP51RD2/ED2/ID2 is part of a family of devices with enhanced features that
are fully binary compatible with the 8051 instruction set. The AT89LP51RD2/ED2/ID2 has two
modes of operations, Compatibility mode and Fast mode. In Compatibility mode the instruction
timing, peripheral behavior, SFR addresses, bit assignments and pin functions are identical to
the existing Atmel AT89C51RD2/ED2/ID2 product. Additional enhancements are transparent to
the user and can be used if desired. Fast mode allows greater performance, but with some dif-
ferences in behavior. The major enhancements from the AT89C51RD2/ED2/ID2 are outlined in
the following paragraphs and may be useful to users migrating to the AT89LP51RD2/ED2/ID2
from older devices. A summary of the differences between Compatibility and Fast modes is
give n in T ab le 2- 3 on p a ge 1 1 . Se e a l s o th e App l ic a tio n no te “M igr a ting fr om
AT89C51RD2/ED2/ID2 to AT89LP51RD2/ED2/ID2.”
2.3.1
Instruction Execution
In Compatibility mode the Atmel® AT89LP51RD2/ED2/ID2 CPU uses the six-state machine
cycle of the standard 8051 where instruction bytes are fetched every three system clock cycles.
Execution times in this mode are identical to the Atmel AT89C51RD2/ED2/ID2. For greater per-
formance the user can enable Fast mode by disabling the Compatibility fuse. In Fast mode the
CPU fetches one code byte from memory every clock cycle instead of every three clock cycles.
This greatly increases the throughput of the CPU. Each standard instruction executes in only
one to four clock cycles. See datasheet for more details. Any software delay loops or instruction-
based timing operations may need to be retuned to achieve the desired results in Fast mode.
2.3.2
System Clock
The system clock source is not limited to a crystal or external clock. The system clock source is
selectable between the crystal oscillator, an externally driven clock and an internal 8.0MHz RC
oscillator for AT89LP51RD2/ED2 and clock source A of AT89LP51ID2. Clock source B of
AT89LP51ID2 is not limited to a 32 kHz crystal. The clock source B is selectable between the 32
kHz crystal oscillator, an externally driven clock and an internal 8.0MHz RC oscillator. Unlike
AT89C51ID2, the X2 and CKRL features will also affect the OSCB source.
By default in Compatibility mode the system clock frequency is divided by 2 from the externally
supplied XTAL1 frequency for compatibility with standard 8051s (12 clocks per machine cycle).
The System Clock Divider can scale the system clock versus the oscillator source. The divide-
by-2 can be disabled to operate in X2 mode (6 clocks per machine cycle) or the clock may be
further divided to reduce the operating frequency. In Fast mode the clock divider defaults to
divide by 1.
2.3.3
Reset
The RST pin of the AT89LP51RD2/ED2/ID2 has selectable polarity using the POL pin (formerly
EA). When POL is high the RST pin is active high with a pull-down resistor and when POL is low
the RST pin is active low with a pull-up resistor. For existing AT89C51RD2/ED2/ID2 sockets
where EA is tied to VDD, replacing AT89C51RD2/ED2 with AT89LP51RD2/ED2/ID2 will main-
tain the active high reset. Note that forcing external execution by tying EA low is not supported.
The AT89LP51RD2/ED2/ID2 includes an on-chip Power-On Reset and Brown-out Detector cir-
cuit that ensures that the device is reset from system power up. In most cases a RC startup
circuit is not required on the RST pin, reducing system cost, and the RST pin may be left uncon-
nected if a board-level reset is not present.


Similar Part No. - AT89LP51RD2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
5Mb / 26P
   8-bit Microcontroller Compatible with 8051 Products
More results

Similar Description - AT89LP51RD2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RB2 ATMEL-AT89LP51RB2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
5Mb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP52 ATMEL-AT89LP52_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP213 ATMEL-AT89LP213_14 Datasheet
2Mb / 98P
   8-bit Microcontroller Compatible with MCS51 Products
AT89LP828 ATMEL-AT89LP828_14 Datasheet
4Mb / 149P
   8-bit Microcontroller Compatible with MCS짰51 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com