Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMK212SD472KD-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # UMK212SD472KD-T
Description  Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

UMK212SD472KD-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  UMK212SD472KD-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc UMK212SD472KD-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data- Jun-2011
RoHS compliance product
UMK212SD472KD
50V 2012 0.0047uF +/-10% t=0.95mmMAX
50V 0805 0.0047uF +/-10% t=0.037inchMAX
UMK212SD472KD
DC Bias Char.
-10
-8
-6
-4
-2
0
2
0
1020304050
DC Bias Voltage[V]
UMK212SD472KD
Capcitance Temp.
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
105 125
Temperature[degreeC]
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
UMK212SD472KD
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
1000
10000
Frequency[MHz]
ESR
Z
UMK212SD472KD
Capacitance Freq.
0.0001
0.001
0.01
0.1
0.1
1
10
100
1000
10000
Frequency[MHz]


Similar Part No. - UMK212SD472KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
UMK212SD103KD-T TAIYO-YUDEN-UMK212SD103KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD392KD-T TAIYO-YUDEN-UMK212SD392KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD562KD-T TAIYO-YUDEN-UMK212SD562KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD682KD-T TAIYO-YUDEN-UMK212SD682KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD822KD-T TAIYO-YUDEN-UMK212SD822KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results

Similar Description - UMK212SD472KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK107SD103KA-T TAIYO-YUDEN-EMK107SD103KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
GMK212SD153KD-T TAIYO-YUDEN-GMK212SD153KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
GMK316SD393KF-T TAIYO-YUDEN-GMK316SD393KF-T Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
LMK107SD153KA-T TAIYO-YUDEN-LMK107SD153KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
LMK212SD823KG-T TAIYO-YUDEN-LMK212SD823KG-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK212SD103KD-T TAIYO-YUDEN-UMK212SD103KD-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
JMK105SD272KP-F TAIYO-YUDEN-JMK105SD272KP-F Datasheet
313Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
TMK316SD683KF-T TAIYO-YUDEN-TMK316SD683KF-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD182KA-T TAIYO-YUDEN-UMK107SD182KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
UMK107SD222KA-T TAIYO-YUDEN-UMK107SD222KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
LMK107SD183KA-T TAIYO-YUDEN-LMK107SD183KA-T Datasheet
312Kb / 2P
   Super Low Distortion Multilayer Ceramic Capacitors (CFCAP(TM))
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com