Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B25673A2072A540 Datasheet(PDF) 3 Page - TDK Electronics

Part # B25673A2072A540
Description  Film Capacitors - Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B25673A2072A540 Datasheet(HTML) 3 Page - TDK Electronics

  B25673A2072A540 Datasheet HTML 1Page - TDK Electronics B25673A2072A540 Datasheet HTML 2Page - TDK Electronics B25673A2072A540 Datasheet HTML 3Page - TDK Electronics B25673A2072A540 Datasheet HTML 4Page - TDK Electronics B25673A2072A540 Datasheet HTML 5Page - TDK Electronics B25673A2072A540 Datasheet HTML 6Page - TDK Electronics B25673A2072A540 Datasheet HTML 7Page - TDK Electronics B25673A2072A540 Datasheet HTML 8Page - TDK Electronics B25673A2072A540 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Film Capacitors – Power Factor Correction
B25673A2072A540
PhaseCap Compact capacitors
MKK230-D-7.5-02
FILM PFC PM
January 2012
Please read Cautions and warnings and
Page 3 of 10
Important notes at the end of this document.
Technical data and specifications
* Without discharge resistor
Maximum ratings
Vmax (up to 8 h daily)
250 V AC rms / 354 V peak
Vmax (up to 1 min)
300 V AC rms / 424 V peak
Imax
Up to 2.0 • IR (A) including combined effects of harmonics,
overvoltages and capacitance tolerance*
IS
400 • IR (A)
VTC imp
8000 Vpk (Standard 1.2/50
μs impulse)
* Care must be taken to ensure that the maximum permissible voltages and operating temperatures are not exceeded
Test data
VTT
500 V AC / 50 Hz for 10 s
VTC
3000 V AC / 50 Hz for 10 s
Characteristics
MKK230-D-7.5-02
Rated capacitance CN
3 • 150.5 μF
Tolerance
–5 / +10%
Connection
D (Delta)
Rated voltage VN
230 V AC rms
Rated frequency fN
50 Hz
60 Hz
Output
7.5 kvar
9.0 kvar
Rated current IR
19 A
23 A
tan 0 (dielectric)
~0.2 W / kvar
WN
24 Ws
RS
1.41 m
Ω
Ris • C
30000 s
*tan
(50 Hz)
” 0.4 W / kvar
Design data
Dimensions (d x h)
100 x 200 mm
Weight approx
1.7 kg
Impregnation
Non PCB, semi-dry biodegradable resin
Fixing
Threaded bolt M12
Max. torque (Al can stud)
10 Nm
Mounting position
Any mounting position possible.
See “Maintenance and Installation Manual” for further details.


Similar Part No. - B25673A2072A540

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25673A2072A540 EPCOS-B25673A2072A540 Datasheet
375Kb / 8P
   Film capacitors - Power Factor Correction PhaseCap Compact capacitors
More results

Similar Description - B25673A2072A540

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com