Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25040A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25040A
Description  Serial Peripheral Interface (SPI) Compatible
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25040A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25040A_14 Datasheet HTML 3Page - ATMEL Corporation AT25040A_14 Datasheet HTML 4Page - ATMEL Corporation AT25040A_14 Datasheet HTML 5Page - ATMEL Corporation AT25040A_14 Datasheet HTML 6Page - ATMEL Corporation AT25040A_14 Datasheet HTML 7Page - ATMEL Corporation AT25040A_14 Datasheet HTML 8Page - ATMEL Corporation AT25040A_14 Datasheet HTML 9Page - ATMEL Corporation AT25040A_14 Datasheet HTML 10Page - ATMEL Corporation AT25040A_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
5087E–SEEPR–7/09
AT25010A/020A/040A/080A
WRITE STATUS REGISTER (WRSR): The WRSR instruction allows the user to select one of
four levels of protection. The AT25010A/020A/040A is divided into four array segments. One-
quarter, one-half, or all of the memory segments can be protected. Any of the data within any
selected segment will therefore be read only. The block write protection levels and correspond-
ing status register control bits are shown in Table 5-4.
Bits BP0 and BP1 are nonvolatile cells that have the same properties and functions as the regu-
lar memory cells (e.g., WREN, t
WC, RDSR).
READ SEQUENCE (READ): Reading the AT25010A/020A/040A via the serial output (SO) pin
requires the following sequence. After the CS line is pulled low to select a device, the read op-
code (including A8) is transmitted via the SI line followed by the byte address to be read (A7–
A0). Upon completion, any data on the SI line will be ignored. The data (D7
D0) at the specified
address is then shifted out onto the SO line. If only one byte is to be read, the CS line should be
driven high after the data comes out. The read sequence can be continued since the byte
address is automatically incremented and data will continue to be shifted out. When the highest
address is reached, the address counter will roll over to the lowest address, allowing the entire
memory to be read in one continuous read cycle.
WRITE SEQUENCE (WRITE): In order to program the AT25010A/020A/040A, the Write Protect
(WP) pin must be held high and two separate instructions must be executed. First, the device
must be write enabled via the WREN instruction. Then a write (WRITE) instruction may be exe-
cuted. Also, the address of the memory location(s) to be programmed must be outside the
protected address field location selected by the block write protection level. During an internal
write cycle, all commands will be ignored except the RDSR instruction.
Table 5-3.
Read Status Register Bit Definition
Bit
Definition
Bit0(RDY)
Bit 0 = “0” (RDY) indicates the device is ready. Bit 0 = “1” indicates the write
cycle is in progress.
Bit 1 (WEN)
Bit 1= “0” indicates the device is not write-enabled. Bit 1 = “1” indicates the
device is write-enabled.
Bit 2 (BP0)
See Table 5-4 on page 7.
Bit 3 (BP1)
See Table 5-4 on page 7.
Bits 4
6 are “0”s when device is not in an internal write cycle.
Bits 0
 7 are “1”s during an internal write cycle.
Table 5-4.
Block Write Protect Bits
Level
Status Register Bits
Array Addresses Protected
BP1
BP0
AT25010A
AT25020A
AT25040A
0
0
0
None
None
None
1 (1/4)
0
1
60-7F
C0-FF
180-1FF
2 (1/2)
1
0
40-7F
80-FF
100-1FF
3 (All)
1
1
00-7F
00-FF
000-1FF


Similar Part No. - AT25040A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A_14 Datasheet
526Kb / 18P
   Low-voltageandStandard-voltageOperation
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25040A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com