Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB02SLT12-252 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GB02SLT12-252
Description  Silicon Carbide Power Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GB02SLT12-252 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GB02SLT12-252 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GB02SLT12-252 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GB02SLT12-252 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GB02SLT12-252 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GB02SLT12-252 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
GB02SLT12-252  
Aug 2014
http://www.genesicsemi.com/index.php/sic-products/schottky
Pg1 of 4
 
PIN 1
PIN 2
CASE
Silicon Carbide Power
Schottky Diode
Features
Package
 1200 V Schottky rectifier
 175 °C maximum operating temperature
 Temperature independent switching behavior
 Superior surge current capability
 Positive temperature coefficient of VF
 Extremely fast switching speeds
 Superior figure of merit QC/IF
 RoHS Compliant
       TO – 252
Advantages
Applications
 Improved circuit efficiency (Lower overall cost)
 Low switching losses
 Ease of paralleling devices without thermal runaway
 Smaller heat sink requirements
 Low reverse recovery current
 Low device capacitance
 Low reverse leakage current at operating temperature
 Power Factor Correction (PFC)
 Switched-Mode Power Supply (SMPS)
 Solar Inverters
 Wind Turbine Inverters
 Motor Drives
 Induction Heating
 Uninterruptible Power Supply (UPS)
 High Voltage Multipliers
Maximum Ratings at Tj = 175 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
Repetitive peak reverse voltage
VRRM
1200
V
Continuous forward current
IF
TC ≤ 160 °C
2
A
RMS forward current
IF(RMS)
TC ≤ 160 °C
3
A
Surge non-repetitive forward current, Half Sine
Wave
IF,SM
TC = 25 °C, tP = 10 ms
18
A
TC = 160 °C, tP = 10 ms
15
Non-repetitive peak forward current
IF,max
TC = 25 °C, tP = 10 µs
100
A
I
2t value
∫i
2 dt
TC = 25 °C, tP = 10 ms
1.6
A
2s
TC = 160 °C, tP = 10 ms
1.1
Power dissipation
Ptot
TC = 25 °C
65
W
Operating and storage temperature
Tj , Tstg
-55 to 175
°C
Electrical Characteristics at Tj = 175 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Diode forward voltage
VF
IF = 2 A, Tj = 25 °C
1.5
1.8
V
IF = 2 A, Tj = 175 °C
2.6
3.0
Reverse current
IR
VR = 1200 V, Tj = 25 °C
5
50
µA
VR = 1200 V, Tj = 175 °C
10
100
Total capacitive charge
QC
IF ≤ IF,MAX
dIF/dt = 200 A/μs
Tj = 175 °C
VR = 400 V
9
nC
VR = 960 V
14
Switching time
ts
VR = 400 V
< 17
ns
VR = 960 V
Total capacitance
C
VR = 1 V, f = 1 MHz, Tj = 25 °C
131
pF
VR = 400 V, f = 1 MHz, Tj = 25 °C
12
VR = 1000 V, f = 1 MHz, Tj = 25 °C
8
Thermal Characteristics
Thermal resistance, junction - case
RthJC
2.3
°C/W
Mechanical Properties
Mounting torque
M
0.6
Nm
1
2
case
VRRM
= 1200 V
IF (Tc = 25°C)
= 5 A
QC
= 9 nC


Similar Part No. - GB02SLT12-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GB02SLT12-252 ETC2-GB02SLT12-252 Datasheet
405Kb / 5P
   Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB02SLT12-252 GENESIC-GB02SLT12-252 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
GB02SLT12-252 GENESIC-GB02SLT12-252 Datasheet
316Kb / 7P
   Silicon Carbide Schottky Diode
GB02SLT12-252 GENESIC-GB02SLT12-252_18 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
GB02SLT12-252 GENESIC-GB02SLT12-252_V01 Datasheet
316Kb / 7P
   Silicon Carbide Schottky Diode
More results

Similar Description - GB02SLT12-252

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
GeneSiC Semiconductor, ...
GB05SLT12-220 GENESIC-GB05SLT12-220 Datasheet
399Kb / 5P
   Silicon Carbide Power Schottky Diode
GB10SLT12-CAL GENESIC-GB10SLT12-CAL_15 Datasheet
421Kb / 5P
   Silicon Carbide Power Schottky Diode
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL_15 Datasheet
251Kb / 5P
   Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBDSC5650-G COMCHIP-CDBDSC5650-G Datasheet
91Kb / 2P
   Silicon Carbide Power Schottky Diode
CDBJSC101200-G COMCHIP-CDBJSC101200-G Datasheet
114Kb / 3P
   Silicon Carbide Power Schottky Diode
CDBJSC101700-G COMCHIP-CDBJSC101700-G Datasheet
103Kb / 2P
   Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GB2X40MPS12-227 GENESIC-GB2X40MPS12-227 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
logo
Comchip Technology
CDBJFSC5650-G COMCHIP-CDBJFSC5650-G Datasheet
113Kb / 3P
   Silicon Carbide Power Schottky Diode
logo
GeneSiC Semiconductor, ...
GC2X20MPS12-247 GENESIC-GC2X20MPS12-247 Datasheet
2Mb / 7P
   Silicon Carbide Power Schottky Diode
logo
List of Unclassifed Man...
GB01SLT12-252 ETC-GB01SLT12-252 Datasheet
336Kb / 4P
   Silicon Carbide Power Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com