Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB20SHT06-CAL Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GB20SHT06-CAL
Description  Silicon Carbide Power Schottky Diode Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GB20SHT06-CAL Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GB20SHT06-CAL Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GB20SHT06-CAL Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GB20SHT06-CAL Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
Electrical Datasheet*
GB20SHT06-CAL
April 2012
http://www.genesicsemi.com/index.php/hit-sic/baredie
Page 1 of 2
 
Silicon Carbide Power
Schottky Diode Chip
Features
 650 V Schottky rectifier
 250 °C maximum operating temperature
 Temperature independent switching behavior
 Superior surge current capability
 Positive temperature coefficient of VF
 Extremely fast switching speeds
 Superior figure of merit QC/IF
Maximum Ratings at Tj = 250 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
Repetitive peak reverse voltage
VRRM
650
V
Continuous forward current
IF
TC ≤ 205 °C
20
A
RMS forward current
IF(RMS)
TC ≤ 205 °C
35
A
Operating and storage temperature
Tj , Tstg
-55 to 250
°C
Electrical Characteristics at Tj = 250 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Diode forward voltage
VF
IF = 20 A, Tj = 25 °C
1.67
V
IF = 20 A, Tj = 210 °C
2.7
Reverse current
IR
VR = 650 V, Tj = 25 °C
0.34
5
µA
VR = 650 V, Tj = 250 °C
32
150
Total capacitive charge
QC
IF ≤ IF,MAX
dIF/dt = 200 A/μs
Tj = 210 °C
VR = 400 V
66
nC
Switching time
ts
VR = 400 V
< 49
ns
Total capacitance
C
VR = 1 V, f = 1 MHz, Tj = 25 °C
1107
pF
VR = 400 V, f = 1 MHz, Tj = 25 °C
103
VR = 800 V, f = 1 MHz, Tj = 25 °C
98
Thermal Characteristics
Thermal resistance, junction - case
RthJC
Assuming TO-276 package
0.49
°C/W
*For chip size and metallization, please refer to the mechanical datasheet (must have a non-disclosure agreement with GeneSiC
Semiconductor).
 
 
  


Similar Part No. - GB20SHT06-CAL

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GB20SHT06-CAL GENESIC-GB20SHT06-CAL_15 Datasheet
301Kb / 5P
   High Temperature Silicon Carbide Power Schottky Diode
More results

Similar Description - GB20SHT06-CAL

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GB20SHT06-CAU GENESIC-GB20SHT06-CAU Datasheet
212Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB20SHT12-CAL GENESIC-GB20SHT12-CAL Datasheet
217Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB01SHT12-CAL GENESIC-GB01SHT12-CAL Datasheet
211Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GAP3SHT33-CAL GENESIC-GAP3SHT33-CAL Datasheet
410Kb / 5P
   Silicon Carbide Power Schottky Diode Chip
GAP05SLT80-CAL GENESIC-GAP05SLT80-CAL Datasheet
184Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB01SHT06-CAU GENESIC-GB01SHT06-CAU Datasheet
212Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB05SHT12-CAU GENESIC-GB05SHT12-CAU Datasheet
213Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB01SHT06-CAL GENESIC-GB01SHT06-CAL Datasheet
212Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB05SHT06-CAL GENESIC-GB05SHT06-CAL Datasheet
213Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB05SHT06-CAU GENESIC-GB05SHT06-CAU Datasheet
214Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
GB05SHT12-CAL GENESIC-GB05SHT12-CAL Datasheet
213Kb / 3P
   Silicon Carbide Power Schottky Diode Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com