Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU6A Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GBU6A
Description  Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GBU6A Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GBU6A Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GBU6A Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GBU6A Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 6 A
Features
GBU Package
Mechanical Data
Parameter
Symbol
GBU6A
GBU6B
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
GBU6A thru GBU6G
Maximum ratings at Tc = 25 °C, unless otherwise specified
Single Phase Glass Passivated
Silicon Bridge Rectifier
• High case dielectric strength of 1500 VRMS
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Glass passivated chip junction
Conditions
400
280
GBU6G
200
140
GBU6D
• Ideal for printed circuit boards
Case: Molded plastic body over passivated junctions
• High temperature soldering guaranteed: 260
⁰C/ 10
seconds, 0.375 (9.5mm) lead length
Mounting position: Any
• Not ESD Sensitive
Terminals: Plated leads, solderable per MIL-STD-750 Method 2026.
• High surge overload rating
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
GBU6A
GBU6B
Unit
Maximum average forward rectified
current
1,2
IO
6.0
6.0
A
Peak forward surge current
IFSM
175
175
A
Maximum instantaneous forward
voltage drop per leg
1.1
1.1
55
500
500
Rating for fusing
I
2t
127
127
A
2sec
Typical junction capacitance per
leg
3
Cj
211
211
pF
R
ΘJA
7.4
7.4
R
ΘJL
2.2
2.2
°C/W
1 - Device mounted on 65 mm x 35 mm x 1.5 mm Al plate heatsink
3 - Measured at 1.0 MHz and applied reverse bias of 4.0 V
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
400
200
-55 to 150
-55 to 150
-55 to 150
-55 to 150
Maximum DC reverse current at
rated DC blocking voltage per leg
IR
Ta = 125 °C
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
500
500
GBU6D
Tc = 100 °C
6.0
6.0
tp = 8.3 ms, half sine
Conditions
175
175
GBU6G
5
VF
5
1.1
1.1
Ta = 25 °C
IF = 6 A
t < 8.3 ms
127
127
2 - Recommended mounted position is to bolt down device on a heatsink with silicon
thermal compond for maximum heat transfer using #6 screw.
Typical thermal resistance per leg
1,2
7.4
7.4
211
211
2.2
2.2
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Similar Part No. - GBU6A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU6A PANJIT-GBU6A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 100 Volts CURRENT - 6.0 Amperes)
logo
Diotec Semiconductor
GBU6A DIOTEC-GBU6A Datasheet
114Kb / 2P
   Silicon-Bridge-Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
GeneSiC Semiconductor, ...
GBU6A GENESIC-GBU6A Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Micro Commercial Compon...
GBU6A MCC-GBU6A Datasheet
182Kb / 3P
   6 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBU6A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com