Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GKN7114 Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # GKN7114
Description  Silicon Standard Recovery Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GKN7114 Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  GKN7114 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GKN7114 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GKN7114 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 400 V - 1600 V
IF =95 A
Features
• High Surge Capability
DO-5 Package
• Types up to 1600 V VRRM
• Equivalent to SKN71 Series
• Not ESD Sensitive
GKN
Parameter
Symbol
GKN71/04 GKN71/08
GKN71/16
Unit
Repetitive peak reverse voltage
VRRM
400
800
1600
V
DC blocking voltage
VDC
400
800
1600
V
Continuous forward current
IF
95
95
95
A
Conditions
GKN71/04 thru GKN71/16
TC ≤ 100 °C
GKN71/14
1200
GKN71/12
Maximum ratings, at Tj = 25 °C, unless otherwise specified (GKR has leads reversed)
95
95
Silicon Standard
Recovery Diode
1400
1400
1200
2
1
2
1
Continuous forward current
IF
95
95
95
A
Operating temperature
Tj
-55 to 150 -55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150 -55 to 150
-55 to 150
°C
Parameter
Symbol
GKN71/04 GKN71/08
GKN71/16
Unit
Diode forward voltage
1.5
1.5
1.5
Thermal characteristics
Thermal resistance, junction -
case
RthJC
0.55
0.55
0.55
K/W
V
Electrical characteristics, at Tj = 25 °C, unless otherwise specified
VF
1150
1150
-55 to 150
A
1150
1.5
GKN71/14
GKN71/12
1.5
TC = 25 °C, tp = 10 ms
IF = 60 A, Tj = 25 °C
C
Conditions
1150
1150
-55 to 150
95
95
-55 to 150
-55 to 150
Surge non-repetitive forward
current, Half Sine Wave
IF,SM
10
10
mA
0.55
0.55
Reverse current
IR
VR = VRRM, Tj = 180 °C
10
10
10
www.genesicsemi.com/silicon-products/standard-recovery-rectifiers/
1


Similar Part No. - GKN7114

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GKN7114 GENESIC-GKN7114 Datasheet
561Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - GKN7114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S85JR ETC2-S85JR Datasheet
397Kb / 2P
   Silicon Standard Recovery Diode
logo
GeneSiC Semiconductor, ...
S16B GENESIC-S16B Datasheet
760Kb / 3P
   Silicon Standard Recovery Diode
S40K GENESIC-S40K Datasheet
584Kb / 3P
   Silicon Standard Recovery Diode
KBU10005 GENESIC-KBU10005 Datasheet
298Kb / 2P
   Silicon Standard Recovery Diode
MSRT15060AD GENESIC-MSRT15060AD Datasheet
408Kb / 3P
   Silicon Standard Recovery Diode
S6B GENESIC-S6B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S12K GENESIC-S12K Datasheet
770Kb / 3P
   Silicon Standard Recovery Diode
S16K GENESIC-S16K Datasheet
761Kb / 3P
   Silicon Standard Recovery Diode
S85B GENESIC-S85B Datasheet
589Kb / 3P
   Silicon Standard Recovery Diode
S85K GENESIC-S85K Datasheet
590Kb / 3P
   Silicon Standard Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com