Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39880-0714 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39880-0714
Description  5.08mm Pitch Beau Eurostyle High Profile, Two Level Terminal Block, Modular
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39880-0714 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39880-0714 Datasheet HTML 1Page - Molex Electronics Ltd. 39880-0714 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 12/22/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39880-0714
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.08mm Pitch Beau™ Eurostyle™ High Profile, Two Level Terminal Block, Modular, 14
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR25562
UL
E48521
General
Product Family
Terminal Blocks
Series
39880
Application
N/A
Component Type
One Piece
Overview
Eurostyle™ Terminal Blocks
Product Name
Eurostyle™Multi-Level
Type
Euro Block
UPC
756054483404
Physical
Circuits (Loaded)
14
Entry Angle
Horizontal
Flammability
94V-0
Lock to Mating Part
None
Number of Rows
2
Orientation
Vertical
PC Tail Length
4.00mm
PCB Retention
None
PCB Thickness - Recommended
2.40mm
Panel Mount
No
Pitch - Mating Interface
5.08mm
Pitch - Termination Interface
5.08mm
Polarized to Mating Part
N/A
Shrouded
Fully
Stackable
Yes
Temperature Range - Operating
110°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26, 28, 30
Wire Size mm²
0.20 - 2.50
Electrical
Current - Maximum per Contact
24A
Voltage - Maximum
300V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
882414
Reference - Drawing Numbers
Sales Drawing
SD-39880-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39880Series


Similar Part No. - 39880-0714

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39880-0714 MOLEX5-39880-0714 Datasheet
307Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??High Profile, Two Level Terminal Block, Modular, 14 Circuits
More results

Similar Description - 39880-0714

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39880-0710 MOLEX11-39880-0710 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle High Profile, Two Level Terminal Block, Modular
39880-0921 MOLEX11-39880-0921 Datasheet
40Kb / 2P
   5.08mm Pitch Beau Eurostyle High Profile, Two Level Terminal Block, Modular
39880-0706 MOLEX11-39880-0706 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle High Profile, Two Level Terminal Block, Modular
39880-0704 MOLEX11-39880-0704 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle High Profile, Two Level Terminal Block, Modular, 4
39880-0504 MOLEX11-39880-0504 Datasheet
37Kb / 2P
   5.08mm Pitch Beau Eurostyle Low Profile, Two Level Terminal Block, Modular, 4
0398800714 MOLEX5-0398800714 Datasheet
307Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??High Profile, Two Level Terminal Block, Modular, 14 Circuits
0398800716 MOLEX5-0398800716 Datasheet
307Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??High Profile, Two Level Terminal Block, Modular, 16 Circuits
0398800706 MOLEX5-0398800706 Datasheet
307Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??High Profile, Two Level Terminal Block, Modular, 6 Circuits
0398800710 MOLEX5-0398800710 Datasheet
307Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??High Profile, Two Level Terminal Block, Modular, 10 Circuits
0398800610 MOLEX5-0398800610 Datasheet
318Kb / 3P
   5.08mm (.200") Pitch Beau??Eurostyle??Medium Profile, Two Level Terminal Block, Modular, 10 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com