Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C5115 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89C5115
Description  Full Duplex UART Compatible 80C51
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5115 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89C5115_14 Datasheet HTML 3Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 4Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 5Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 6Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 7Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 8Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 9Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 10Page - ATMEL Corporation AT89C5115_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
7
AT89C5115
4128G–8051–02/08
I/O Configurations
Each Port SFR operates via type-D latches, as illustrated in Figure 1 for Ports 3 and 4. A
CPU ’write to latch’ signal initiates transfer of internal bus data into the type-D latch. A
CPU ’read latch’ signal transfers the latched Q output onto the internal bus. Similarly, a
’read pin’ signal transfers the logical level of the Port pin. Some Port data instructions
activate the ’read latch’ signal while others activate the ’read pin’ signal. Latch instruc-
tions are referred to as Read-Modify-Write instructions. Each I/O line may be
independently programmed as input or output.
Port Structure
Figure 1 shows the structure of Ports, which have internal pull-ups. An external source
can pull the pin low. Each Port pin can be configured either for general-purpose I/O or
for its alternate input output function.
To use a pin for general-purpose output, set or clear the corresponding bit in the Px reg-
ister (x = 1 to 4). To use a pin for general-purpose input, set the bit in the Px register.
This turns off the output FET drive.
To configure a pin for its alternate function, set the bit in the Px register. When the latch
is set, the ’alternate output function’ signal controls the output level (See Figure 1). The
operation of Ports is discussed further in ’Quasi-Bi-directional Port Operation’
paragraph.
Figure 1. Ports Structure
Note:
1. The internal pull-up can be disabled on P1 when analog function is selected.
D
CL
Q
LATCH
INTERNAL
WRITE
TO
LATCH
READ
PIN
READ
LATCH
ALTERNATE
OUTPUT
FUNCTION
VCC
INTERNAL
PULL-UP (1)
ALTERNATE
INPUT
FUNCTION
BUS
P2.x
P3.x
P4.x
P1.x
(1)


Similar Part No. - AT89C5115_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C5115-RATUM ATMEL-AT89C5115-RATUM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115-RATUM ATMEL-AT89C5115-RATUM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115-SISUM ATMEL-AT89C5115-SISUM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115-SISUM ATMEL-AT89C5115-SISUM Datasheet
1Mb / 113P
   Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
AT89C5115-TISUM ATMEL-AT89C5115-TISUM Datasheet
1Mb / 113P
   Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
More results

Similar Description - AT89C5115_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101_14 Datasheet
679Kb / 58P
   80C51 Code Compatible
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
DB118 CMLMICRO-DB118 Datasheet
368Kb / 7P
   Full-Duplex Audio Processing
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
   FULL DUPLEX SPEAKERPHONE CHIP
logo
Maxim Integrated Produc...
78Q2123 MAXIM-78Q2123 Datasheet
351Kb / 37P
   Full duplex operation capable
Rev. 2.0
logo
Exar Corporation
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
   4-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com