Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC0008047 Datasheet(PDF) 1 Page - ERNI Electronics

Part # DC0008047
Description  Federl. 4mm SMD 50-pol. EMV Female 4mm SMD 50 cont. EMV
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

DC0008047 Datasheet(HTML) 1 Page - ERNI Electronics

  DC0008047 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
0,8
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
0,1 mm
330
Tape on Reel Packaging
Verpackungseinheit: 400 Stück
Verpackt in Gurtverpackung
Packaging unit: 400 pcs
prior notice.
contact one of the ERNI companies
Date
07.08.2012
b
Index
MSPEED
Female 4mm SMD 50 cont. EMV
Federl. 4mm SMD 50-pol. EMV
374730
5:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
1.)
1.)
PCB-Layout Proposal
1.) Durchmesser des Bohrers /
Leiterplatten-Layout Vorschlag /
Drill tool
Für weitere Layout Details
bitte Applikations Schrift
MicroSpeed beachten.
For further layout details
please consider
MicroSpeed application note.
0,36
±0,03
0,25
0,9
±0,03
26 ±0,03
0,85
8 x 3 = 24
0,85
1
1 = 24
24 x
3
1
0,5
0,25
0,7
0,9
Mitte Steckgesicht
center matingface
4,15
5,5
0,75
a1
b25
b1
a25
24 x
25,3
1 = 24
1
a1
16
Montagehaube
hood
6,5
0,6
26
0,5
26,55


Similar Part No. - DC0008047

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0008040 ERNI-DC0008040 Datasheet
122Kb / 1P
   Federl.90. SMDTHR 50p. BM EMV Female 90. SMDTHR 50co. BM EMV
DC0008042 ERNI-DC0008042 Datasheet
113Kb / 1P
   Messerl. 90 50-pol SMD EMV Male 90 50 cont. SMD EMV
DC0008045 ERNI-DC0008045 Datasheet
122Kb / 1P
   Messerl. 90 SMDTHR 50-pol EMV Male 90 SMDTHR 50 cont. EMV
DC0008049 ERNI-DC0008049 Datasheet
117Kb / 1P
   Federl. 4mm SMD 50-pol. BM EMV Female 4mm SMD 50 cont. BM EMV
More results

Similar Description - DC0008047

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0008049 ERNI-DC0008049 Datasheet
117Kb / 1P
   Federl. 4mm SMD 50-pol. BM EMV Female 4mm SMD 50 cont. BM EMV
374730 ERNI-374730 Datasheet
93Kb / 1P
   Federl. 4mm SMD 50-pol. EMV
374725 ERNI-374725 Datasheet
117Kb / 1P
   Federl. 4mm SMD 50-pol. BM EMV
244676 ERNI-244676 Datasheet
141Kb / 1P
   Federl. 90 50-pol. SMD EMV
DC0008042 ERNI-DC0008042 Datasheet
113Kb / 1P
   Messerl. 90 50-pol SMD EMV Male 90 50 cont. SMD EMV
DC0008052 ERNI-DC0008052 Datasheet
160Kb / 1P
   Messerl. 1mm SMD 50-pol. EMV Male 1mm SMD 50 cont. EMV
374719 ERNI-374719 Datasheet
122Kb / 1P
   Federl. 90 SMDTHR 50-pol. EMV
DC0008036 ERNI-DC0008036 Datasheet
141Kb / 1P
   Federl.90.50p.BM SMD EMV Female 90.50c.BM SMD EMV
DC0000078 ERNI-DC0000078 Datasheet
141Kb / 1P
   Federl.90.50p.BM SMD EMV Female 90.50c.BM SMD EMV
244692 ERNI-244692 Datasheet
113Kb / 1P
   Messerl. 90 50-pol SMD EMV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com