Selected language     English  ā–¼


STX-3150-5C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. STX-3150-5C
Description  3.5mm Jack Slim Design with Switch PCB Mount
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Contact Kycon for other Options
Series
STX-3150 -
3.5mm Jack Slim Design with Switch PCB Mount
Number of Pins
3 - Pin
5 - Pin
Threading Option
C - Threaded Barrel
N - Non-Threaded Barrel
Generated Part Number
Part Number Builder
Series
Number
of Pins
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
Threading
Option
STX-3150-5N
STX-3150-3C
AUDIO JACKS: STX-3150
Series
3.5mm Jack Slim Design with Switch PCB Mount
Product Features
Audio Applications for Computers and Multimedia
Can Be Used To Activate Speakers, an Equalizer or to
Configure the Audio Signal
Up to One Double-Pole Single-Throw Switch
Spring Loaded Contacts for High Contact Reliability
Narrow Body Uses Minimal Board Space
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
PBT Thermoplastic, UL94V-0 Rated, Black Color
Bushing
Brass, Nickel Plated
Terminals and Contacts
Phosphor Bronze, Silver Plated
Coil Springs
Spring Steel
Mechanical Characteristics
Insertion Force
0.3kg - 3.0kg
Extraction Force
0.3kg - 3.0kg
Durability
5000 Mating Cycles
Electrical Characteristics
Insulation Resistance
100 Megohms Min. at 500V DC
Contact Resistance
30 milliohms Max.
Dielectric Withstanding Voltage
500V AC RMS for 1 Minute
Operating Temperature
-25Ā°C to + 80Ā°C
STX-3150 Series
Dimensions in mm
LR78160
STX-3150-5C
STX-3150
5
C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl