Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5516-TN5-T Datasheet(PDF) 7 Page - E-Tech Electronics LTD

Part # UR5516-TN5-T
Description  3A BUS TERMINATION REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UR5516-TN5-T Datasheet(HTML) 7 Page - E-Tech Electronics LTD

  UR5516-TN5-T Datasheet HTML 1Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 2Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 3Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 4Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 5Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 6Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 7Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 8Page - E-Tech Electronics LTD UR5516-TN5-T Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UR5516
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R101-015,D
OPERATING WAVEFORMS
1. Load Transient Response: IOUT = +10mA -> +3A -> +10mA
- VIN = 2.5V, VCNTL = 3.3V
- VREF is 1.250V supplied by a regulator
- COUT = 470µF/10V, ESR = 30mΩ
- IOUT slew rate = ±3A/µS
2. Load Transient Response: IOUT = -10mA -> -3A -> -10mA
- VIN = 2.5V, VCNTL = 3.3V
- VREF is 1.250V supplied by a regulator
- COUT = 470µF/10V, ESR = 30mΩ
- IOUT slew rate = ±3A/µS
IOUT = -10mA -> -3A -> -10mA
Ch1 : VOUT, 20mV/Div, DC,
Offset = 1.250V
Ax1 : IOUT, 1A/Div
Time : 20μS/Div
VOUT
-3A
AT
IC
+10mA
IOUT
Load Regulation = +6.5mV


Similar Part No. - UR5516-TN5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5516-TN5-T UTC-UR5516-TN5-T Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516-TN5-T UTC-UR5516-TN5-T Datasheet
230Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516-TN5-T UTC-UR5516-TN5-T Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
More results

Similar Description - UR5516-TN5-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6554 FAIRCHILD-ML6554 Datasheet
386Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516B UTC-UR5516B Datasheet
220Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C Datasheet
208Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516C UTC-UR5516C_15 Datasheet
236Kb / 8P
   3A BUS TERMINATION REGULATOR
logo
Micro Linear Corporatio...
ML6554 MICRO-LINEAR-ML6554 Datasheet
168Kb / 14P
   3A Bus Termination Regulator
logo
Unisonic Technologies
UR5516 UTC-UR5516_15 Datasheet
245Kb / 9P
   3A BUS TERMINATION REGULATOR
UR5516A UTC-UR5516A_16 Datasheet
227Kb / 8P
   3A BUS TERMINATION REGULATOR
UR5516 UTC-UR5516 Datasheet
139Kb / 9P
   3A BUS TERMINATION REGULATOR
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
230Kb / 20P
   3A Bus Termination Regulator
APL5333 ANPEC-APL5333 Datasheet
443Kb / 16P
   3A Bus Termination Regulator
logo
List of Unclassifed Man...
HPL5331 ETC1-HPL5331 Datasheet
260Kb / 20P
   3A Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com