Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ2501G Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # KBJ2501G
Description  Silicon Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBJ2501G Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBJ2501G Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBJ2501G Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBJ2501G Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 50 V - 400 V
IO = 25 A
Features
• Ideal for printed circuit board
KBJ Package
• Not ESD Sensitive
Parameter
Symbol
KBJ25005G KBJ2501G
Unit
• Types from 50 V to 400 V VRRM
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
• Reliable, low cost construction utilizing molded
plastic technique
Conditions
KBJ25005G thru KBJ2504G
KBJ2504G
KBJ2502G
Maximum ratings at Tj = 25 °C, unless otherwise specified
Single Phase Glass Passivated
Silicon Bridge Rectifier
• Low forward voltage drop, high current capability
Parameter
Symbol
KBJ25005G KBJ2501G
Unit
Repetitive peak reverse voltage
VRRM
50
100
V
RMS reverse voltage
VRMS
35
70
V
DC blocking voltage
VDC
50
100
V
Operating temperature
Tj
-55 to 125
-55 to 125
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBJ25005G KBJ2501G
Unit
25
25
4.2
4.2
Peak forward surge current
IFSM
350
350
A
Maximum instantaneous
forward voltage per leg
1.05
1.05
10
10
500
500
V
Electrical characteristics at Tj = 25 °C, unless otherwise specified
4.2
Maximum average forward
rectified current
IO
Ta = 25 °C
Conditions
-55 to 150
KBJ2504G
10
10
KBJ2502G
Ta = 125 °C
1.05
1.05
500
Ta = 25 °C
IF = 12.5 A
Conditions
KBJ2504G
200
140
KBJ2502G
-55 to 150
-55 to 125
-55 to 125
μA
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Tc = 110 °C
25
200
VF
4.2
A
25
8.3 ms single sine-wave
350
350
500
Maximum reverse current at
rated DC blocking voltage per
leg
IR
400
280
400
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Similar Part No. - KBJ2501G

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
KBJ2501G AMERICASEMI-KBJ2501G Datasheet
638Kb / 2P
   BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBJ2501G GENESIC-KBJ2501G Datasheet
588Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ2501G GENESIC-KBJ2501G Datasheet
692Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - KBJ2501G

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CDSH-2 CENTRAL-CDSH-2 Datasheet
48Kb / 1P
   SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBPC3506TW GENESIC-GBPC3506TW Datasheet
351Kb / 4P
   Silicon Bridge Rectifier
GBU15J GENESIC-GBU15J Datasheet
344Kb / 3P
   Silicon Bridge Rectifier
KBJ4005G GENESIC-KBJ4005G Datasheet
326Kb / 3P
   Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G Datasheet
308Kb / 3P
   Silicon Bridge Rectifier
logo
Central Semiconductor C...
1N4001GPP CENTRAL-1N4001GPP_15 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Chenmko Enterprise Co. ...
KBU8APT CHENMKO-KBU8APT Datasheet
81Kb / 2P
   SILICON BRIDGE RECTIFIER
W005LPT CHENMKO-W005LPT Datasheet
87Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Edal Industries, Inc.
B285 EDAL-B285 Datasheet
77Kb / 1P
   Silicon Bridge Rectifier
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
logo
Chenmko Enterprise Co. ...
KBPC1005PT CHENMKO-KBPC1005PT Datasheet
94Kb / 2P
   SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com