Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1502BE Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1502BE
Description  High-performance Fully CMOS, Electrically-erasable Complex Programmable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502BE Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1502BE_14 Datasheet HTML 2Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 3Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 4Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 5Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 6Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 7Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 8Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 9Page - ATMEL Corporation ATF1502BE_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
3492A–PLD–12/05
ATF1502BE
2.
Programmable Pin-keeper Option for Inputs and I/Os
The ATF1502BE offers the option of programming each of its input or I/O pin so that pin-keeper
circuit can be utilized. When any pin is driven high or low and then subsequently left floating, it
will stay at that previous high or low level. This circuitry prevents unused input and I/O lines from
floating to intermediate voltage levels, which causes unnecessary power consumption and sys-
tem noise. The keeper circuits eliminate the need for external pull-up resistors and eliminate
their DC power consumption.
Figure 2-1 shows the pin-keeper circuit for an Input Pin and Figure 2-2 shows the same for an
I/O pin. The pin-keeper circuit is a weak feedback latch and has an effective resistance that is
approximately 50 k
Ω.
Figure 2-1.
Input with Programmable Pin-keeper
Figure 2-2.
I/O with Programmable Pin-keeper
50K
50K


Similar Part No. - ATF1502BE_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502BE-5AX44 ATMEL-ATF1502BE-5AX44 Datasheet
530Kb / 24P
   Highperformance CPLD
ATF1502BE-7AU44 ATMEL-ATF1502BE-7AU44 Datasheet
530Kb / 24P
   Highperformance CPLD
More results

Similar Description - ATF1502BE_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE_14 Datasheet
752Kb / 30P
   High-performance Fully CMOS, Electrically-erasable Complex Programmable
ATF1508RE ATMEL-ATF1508RE_14 Datasheet
792Kb / 31P
   High-density, High-performance Fully CMOS, Electrically-erasable Complex
ATF1502ASV ATMEL-ATF1502ASV_14 Datasheet
378Kb / 25P
   High-density, High-performance, Electrically-erasable Complex Programmable
ATF1500AL ATMEL-ATF1500AL_14 Datasheet
610Kb / 19P
   High-density, High-performance Electrically-erasable Complex
ATF1508AS ATMEL-ATF1508AS_14 Datasheet
718Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1508ASL ATMEL-ATF1508ASL_14 Datasheet
718Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1504ASV ATMEL-ATF1504ASV_14 Datasheet
578Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1500ABV ATMEL-ATF1500ABV_14 Datasheet
466Kb / 18P
   High-density, High-performance Electrically-erasable Complex
ATF1504ASVL ATMEL-ATF1504ASVL_14 Datasheet
578Kb / 31P
   High-density, High-performance, Electrically-erasable Complex
ATF1500A ATMEL-ATF1500A_14 Datasheet
610Kb / 19P
   High-density, High-performance Electrically-erasable Complex
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com