Electronic Components Datasheet Search |
|
KBU8A Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc. |
|
KBU8A Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc. |
1 / 3 page VRRM = 50 V - 400 V IO = 8 A Features • Ideal for printed circuit boards • High forward surge current capability KBU Package • Not ESD Sensitive Mechanical Data Weight: 0.268 ounces, 7.6 grams Case: Molded plastic body Mounting torque: 5 inch-lbs max KBU8A thru KBU8G Mounting position: Any Single Phase Silicon Bridge Rectifier • Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 • High temperature soldering guaranteed: 250 ⁰C/ 10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3 kg) tension • Types from 50 V up to 400 V VRRM Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Parameter Symbol KBU8A KBU8B Unit Repetitive peak reverse voltage VRRM 50 100 V RMS reverse voltage VRMS 35 70 V DC blocking voltage VDC 50 100 V Operating temperature Tj -55 to 150 -55 to 150 °C Storage temperature Tstg -55 to 150 -55 to 150 °C Parameter Symbol KBU8A KBU8B Unit 88 A 66 Peak forward surge current IFSM 300 300 A Maximum instantaneous forward voltage drop per leg 1.0 1.0 10 10 500 500 μA V Electrical characteristics at Tc = 25 °C, unless otherwise specified 1.0 500 500 VF Maximum average forward rectified current IO Ta = 45 °C 66 Ta = 25 °C IF = 8.0 A Conditions KBU8G 200 140 KBU8D -55 to 150 Maximum ratings at Tc = 25 °C, unless otherwise specified Maximum DC reverse current at rated DC blocking voltage IR Ta = 100 °C 1.0 -55 to 150 -55 to 150 Conditions 400 280 400 200 Single phase, half sine wave, 60 Hz, resistive or inductive load For capacitive load derate current by 20% Tc = 100 °C 88 tp = 8.3 ms, half sine 300 300 -55 to 150 KBU8G 10 10 KBU8D www.genesicsemi.com/silicon-products/bridge-rectifiers/ 1 |
Similar Part No. - KBU8A |
|
Similar Description - KBU8A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |