Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8J Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc.

Part # KBU8J
Description  Single Phase Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

KBU8J Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc.

  KBU8J Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. KBU8J Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. KBU8J Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VRRM = 600 V - 1000 V
IO = 8 A
Features
• Ideal for printed circuit boards
• High forward surge current capability
KBU Package
• Not ESD Sensitive
Mechanical Data
Weight: 0.268 ounces, 7.6 grams
KBU8J thru KBU8M
Mounting torque: 5 inch-lbs max
• Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
Single Phase Silicon
Bridge Rectifier
• High temperature soldering guaranteed: 250
⁰C/ 10 seconds, 0.375
(9.5mm) lead length, 5 lbs. (2.3 kg) tension
• Types from 600 V up to1000 V VRRM
Case: Molded plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Mounting position: Any
Parameter
Symbol
KBU8J
KBU8K
Unit
Repetitive peak reverse voltage
VRRM
600
800
V
RMS reverse voltage
VRMS
420
560
V
DC blocking voltage
VDC
600
800
V
Operating temperature
Tj
-55 to 150
-55 to 150
°C
Storage temperature
Tstg
-55 to 150
-55 to 150
°C
Parameter
Symbol
KBU8J
KBU8K
Unit
88
A
66
Peak forward surge current
IFSM
300
300
A
Maximum instantaneous forward
voltage drop per leg
1.0
1.0
10
10
500
500
Maximum average forward
rectified current
IO
Ta = 45 °C
6
μA
V
Electrical characteristics at Tc = 25 °C, unless otherwise specified
Ta = 25 °C
IF = 8.0 A
Conditions
1000
700
KBU8M
-55 to 150
Maximum ratings at Tc = 25 °C, unless otherwise specified
VF
Tc = 100 °C
8
tp = 8.3 ms, half sine
1.0
500
-55 to 150
Conditions
1000
300
Single phase, half sine wave, 60 Hz, resistive or inductive load
For capacitive load derate current by 20%
Maximum DC reverse current at
rated DC blocking voltage
IR
10
KBU8M
Ta = 100 °C
www.genesicsemi.com/silicon-products/bridge-rectifiers/
1


Similar Part No. - KBU8J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU8J PANJIT-KBU8J Datasheet
55Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Galaxy Semi-Conductor H...
KBU8J BILIN-KBU8J Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
KBU8J BILIN-KBU8J Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
KBU8J YEASHIN-KBU8J Datasheet
512Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Semtech Corporation
KBU8J SEMTECH-KBU8J Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
More results

Similar Description - KBU8J

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBPC15005 CHENYI-KBPC15005 Datasheet
174Kb / 2P
   SINGLE PHASE SILICON SINGLE PHASE SILICON
logo
Shenzhen Luguang Electr...
KBPC604 LUGUANG-KBPC604 Datasheet
75Kb / 1P
   SINGLE PHASE SILICON
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR60 GOOD-ARK-BR60 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
RS401L GOOD-ARK-RS401L Datasheet
49Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Transys Electronics
CP1000 TRSYS-CP1000 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
GOOD-ARK Electronics
KBP005 GOOD-ARK-KBP005 Datasheet
48Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
W005 GOOD-ARK-W005 Datasheet
47Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
CHENG-YI ELECTRONIC CO....
2W005 CHENG-YI-2W005 Datasheet
120Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
BR305 CHENG-YI-BR305 Datasheet
280Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com