Electronic Components Datasheet Search |
|
KBU8M Datasheet(PDF) 1 Page - GeneSiC Semiconductor, Inc. |
|
KBU8M Datasheet(HTML) 1 Page - GeneSiC Semiconductor, Inc. |
1 / 3 page VRRM = 600 V - 1000 V IO = 8 A Features • Ideal for printed circuit boards • High forward surge current capability KBU Package • Not ESD Sensitive Mechanical Data Weight: 0.268 ounces, 7.6 grams KBU8J thru KBU8M Mounting torque: 5 inch-lbs max • Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 Single Phase Silicon Bridge Rectifier • High temperature soldering guaranteed: 250 ⁰C/ 10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3 kg) tension • Types from 600 V up to1000 V VRRM Case: Molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Mounting position: Any Parameter Symbol KBU8J KBU8K Unit Repetitive peak reverse voltage VRRM 600 800 V RMS reverse voltage VRMS 420 560 V DC blocking voltage VDC 600 800 V Operating temperature Tj -55 to 150 -55 to 150 °C Storage temperature Tstg -55 to 150 -55 to 150 °C Parameter Symbol KBU8J KBU8K Unit 88 A 66 Peak forward surge current IFSM 300 300 A Maximum instantaneous forward voltage drop per leg 1.0 1.0 10 10 500 500 Maximum average forward rectified current IO Ta = 45 °C 6 μA V Electrical characteristics at Tc = 25 °C, unless otherwise specified Ta = 25 °C IF = 8.0 A Conditions 1000 700 KBU8M -55 to 150 Maximum ratings at Tc = 25 °C, unless otherwise specified VF Tc = 100 °C 8 tp = 8.3 ms, half sine 1.0 500 -55 to 150 Conditions 1000 300 Single phase, half sine wave, 60 Hz, resistive or inductive load For capacitive load derate current by 20% Maximum DC reverse current at rated DC blocking voltage IR 10 KBU8M Ta = 100 °C www.genesicsemi.com/silicon-products/bridge-rectifiers/ 1 |
Similar Part No. - KBU8M |
|
Similar Description - KBU8M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |