Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062B Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL062B
Description  Low-power JFET dual operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL062B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TL062B Datasheet HTML 3Page - STMicroelectronics TL062B Datasheet HTML 4Page - STMicroelectronics TL062B Datasheet HTML 5Page - STMicroelectronics TL062B Datasheet HTML 6Page - STMicroelectronics TL062B Datasheet HTML 7Page - STMicroelectronics TL062B Datasheet HTML 8Page - STMicroelectronics TL062B Datasheet HTML 9Page - STMicroelectronics TL062B Datasheet HTML 10Page - STMicroelectronics TL062B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TL062, TL062A, TL062B
Electrical characteristics
Doc ID 2294 Rev 4
7/15
Figure 2.
Maximum peak-to-peak output
voltage versus supply voltage
Figure 3.
Maximum peak-to-peak output
voltage versus free air temperature
R
L = 10 kΩ
T
amb
= + 25 °C
Supply voltage (V)
Free air temperature (°C)
V
CC = +/- 15 V
R
L = 10 kΩ
Figure 4.
Maximum peak-to-peak output
voltage versus load resistance
Figure 5.
Maximum peak-to-peak output
voltage versus frequency
T
amb
= + 25 °C
V
CC
= +/- 15 V
Load resistance (k
Ω)
Frequency (Hz)
V
CC = +/- 15 V
V
CC = +/- 12 V
V
CC = +/- 5 V
V
CC = +/- 2 V
R
L = 10 kΩ
T
amb = + 25 °C
Figure 6.
Differential voltage amplification
versus free air temperature
Figure 7.
Large signal differential voltage
amplification and phase shift
versus frequency
10
2
4
7
-75
-50
-25
025
50
75
100
125
1
V
CC = +/- 15 V
R
L = 10 kΩ
Free air temperature (°C)
10
100
1k
10k
100k
1M
10M
6
10
5
10
4
10
3
10
2
10
1
10
1
0
45
90
135
180
V
CC = +/- 5 V to +/- 15 V
R
L = 2 kΩ
Frequency (Hz)
T
amb = + 25 °C
Phase shift
(right scale)
Differential
voltage
amplification
(left scale)


Similar Part No. - TL062B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL062B STMICROELECTRONICS-TL062B Datasheet
111Kb / 10P
   LOW POWER J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL062B TI-TL062B Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062B TI-TL062B Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062B TI-TL062B Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL062B TI-TL062B Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL062B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL061CDT STMICROELECTRONICS-TL061CDT Datasheet
332Kb / 16P
   Low power JFET single operational amplifiers
March 2009 Rev 3
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com