Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UZ1086 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # UZ1086
Description  1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

UZ1086 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  UZ1086 Datasheet HTML 1Page - E-Tech Electronics LTD UZ1086 Datasheet HTML 2Page - E-Tech Electronics LTD UZ1086 Datasheet HTML 3Page - E-Tech Electronics LTD UZ1086 Datasheet HTML 4Page - E-Tech Electronics LTD UZ1086 Datasheet HTML 5Page - E-Tech Electronics LTD UZ1086 Datasheet HTML 6Page - E-Tech Electronics LTD UZ1086 Datasheet HTML 7Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UZ1086
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R102-008. L
ELECTRICAL CHARACTERISTICS(Cont.)
For Other Voltage
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX. UNIT
Reference Voltage
VREF
*
1.5V≤ (VIN-VOUT ) ≤5.75V
10mA≤IOUT≤1A
1.225 1.25 1.275
V
Output Voltage
UZ1086-1.8
VOUT
*
10mA≤IOUT≤1A
3.3V≤VIN≤7V
1.764 1.80 1.836
V
UZ1086-2.5
*
4V≤VIN≤7V
2.450 2.50 2.550
V
UZ1086-2.85
*
4.35V≤VIN≤7V
2.793 2.85 2.907
V
UZ1086-3.3
*
4.8V≤VIN≤7V
3.234 3.30 3.366
V
UZ1086-5.0
6.5V≤VIN≤7V
4.900 5.00 5.100
V
Line Regulation (Note1,2)
VOUT
*(VOUT+1.5V) ≤VIN≤7V,IOUT=10mA
0.005 0.2
%
Load Regulation (Note1,2)
VOUT
*VIN-VOUT=2V, 10mA≤IOUT≤1A
0.05
0.5
%
Dropout Voltage
VD
*IOUT=1.5A
1.30 1.50
V
Current Limit
ILIMIT
*VIN-VOUT=2V
1.6
2
A
Adjust Pin Current
IADJ
*
35
120
μA
Adjust Pin Current Change
IADJ
*
1.5V≤ (VIN - VOUT ) ≤5.75V,
10mA≤IOUT≤1A
0.2
5
μA
Minimum Load Current
IO(MIN)
*1.5V≤ (VIN -VOUT) ≤5.75V
10
mA
Quiescent Current
IQ
*VIN =VOUT+1.25V
4
13
mA
Ripple Rejection
RR
f=120Hz, COUT=22μF, Tantalum
VIN -VOUT=3V, IOUT=1.5A
60
72
dB
Thermal Regulation
TA=25°C, 30ms pulse
0.004 0.02 %/W
Temperature Stability
VOUT
*
0.5
%
Long-Term Stability
VOUT
TA=125°C, 1000hrs
0.03
1.0
%
RMS Output Noise
VOUT
TA=25°C, 10Hz≤f≤10kHz
0.003
%
Thermal shutdown
Junction Temperature
155
°C
Thermal Shutdown Hysteresis
10
°C
Note: 1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line
regulation are measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is
determined by input/output differential and the output current. Guaranteed maximum output power will not
be available over the full input/output voltage range.
* stand for specifications which apply over the designed operating temperature range.


Similar Part No. - UZ1086

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
UZ1086 UTC-UZ1086 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086-XX-AA3-R UTC-UZ1086-XX-AA3-R Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086-XX-TA3-T UTC-UZ1086-XX-TA3-T Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1086

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com