Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51CC01CA Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T89C51CC01CA
Description  Transmission after a 3 bit Intermessage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC01CA Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T89C51CC01CA_14 Datasheet HTML 4Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 5Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 6Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 7Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 8Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 9Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 10Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 11Page - ATMEL Corporation T89C51CC01CA_14 Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
4131J–CAN–05/06
T89C51CC01 Errata Sheet
Active UART Bootloader Errata List
• Timer 2 and UART Are Not Stopped
• Watchdog and Flash API Starting the Bootloader Execution
• Autobaud False Start Bit Detection
• Boot Process Compatibility
• Flash API ’__api_wr_code_page’ with 0 Data in Length Parameter Field
UART Bootloader Errata History
UART Bootloader Errata Description
1.
Timer 2 and UART Are Not Stopped
When the bootloader receives the command ’Start Application’ (LJMP 0), the Timer 2 and the UART are not stopped.
Workaround
The application must have in its setup function a reset of Timer 2 and UART.
mov SCON, #00h
mov T2CON, #00h
mov RCAP2L, #00h
mov RCAP2H, #00h
mov TL2, #00h
mov TH2, #00h
2.
Watchdog and Flash API Starting the Bootloader Execution
When an application call ’__api_start_bootloader’ or ’__api_start_isp’ routines while the watchdog is enabled, when the
watchdog overflows it will restart the application instead of the bootloader.
Workaround
Set BLJB(=1) before calling the __api_start_bootloader or __api_start_isp if the watchdog is used.
3.
Autobaud False Start Bit Detection
UART autobaud sequence does not work in some special UARTs.
Some laptops have the UART TX line set to 0 when unused (COM port closed), this results in a false baud rate calcu-
lation in the ‘U’ character.
The autobaud sequence checkes for a ‘0’ state (not a falling edge) on the Rx line of the UART microcontroller to detect
the ‘start’ bit of the ‘U’ synchro character.
As this line is ‘0’ by default when COM port is closed, the autobaud routine starts its baudrate calculation at the opening
sequence of the UART.
Workaround
A ‘Special Sync’ can be used with ‘FLIP’ software.
In this case, the open port event and the ‘U’ sent are dissociated. The user must first open the COM port with the ‘con-
nect’ button, then reset the hardware and finally push the ‘sync’ button.
4.
Boot Process Compatibility
There are some differences between Boot process of bootloader 1.2 and newer versions (see below).
Version Number
Errata List
1.2 (1.1.2 displayed by FLIP)
1, 2, 3
1.4 (Current)
1, 2, 3, 4,5


Similar Part No. - T89C51CC01CA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01CA-7CTIM ATMEL-T89C51CC01CA-7CTIM Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01CA-7CTIM ATMEL-T89C51CC01CA-7CTIM Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01CA-7CTIM ATMEL-T89C51CC01CA-7CTIM Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01CA-RLTIM ATMEL-T89C51CC01CA-RLTIM Datasheet
1Mb / 170P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01CA-RLTIM ATMEL-T89C51CC01CA-RLTIM Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
More results

Similar Description - T89C51CC01CA_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51CC01UA ATMEL-T89C51CC01UA_14 Datasheet
183Kb / 12P
   Transmission after a 3 bit Intermessage
logo
AMETHERM Circuit Protec...
SL0510201 AMETHERM-SL0510201 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Inside Kinked Leads Use -A after Ametherm?셲 part #
SL158R006 AMETHERM-SL158R006 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL224R014 AMETHERM-SL224R014 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL155R007 AMETHERM-SL155R007 Datasheet
34Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2250004 AMETHERM-SL2250004 Datasheet
29Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
logo
Littelfuse
05930100 LITTELFUSE-05930100 Datasheet
114Kb / 1P
   A time-delay relay is a device with low current absorption which triggers, after a programmed time after commutation and via an electronic circuit, a relay contact
logo
AMETHERM Circuit Protec...
SL222R508 AMETHERM-SL222R508 Datasheet
30Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL2220006 AMETHERM-SL2220006 Datasheet
32Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
SL155R008 AMETHERM-SL155R008 Datasheet
34Kb / 1P
   Inside Kinked Leads Use -A after Ametherm?셲 part # Outside Kinked Leads Use -B after Ametherm?셲 part #
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com