Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T5753C Datasheet(PDF) 1 Page - ATMEL Corporation

Part # T5753C
Description  UHF ASK/FSK Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T5753C Datasheet(HTML) 1 Page - ATMEL Corporation

  T5753C_14 Datasheet HTML 1Page - ATMEL Corporation T5753C_14 Datasheet HTML 2Page - ATMEL Corporation T5753C_14 Datasheet HTML 3Page - ATMEL Corporation T5753C_14 Datasheet HTML 4Page - ATMEL Corporation T5753C_14 Datasheet HTML 5Page - ATMEL Corporation T5753C_14 Datasheet HTML 6Page - ATMEL Corporation T5753C_14 Datasheet HTML 7Page - ATMEL Corporation T5753C_14 Datasheet HTML 8Page - ATMEL Corporation T5753C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
4510L-RKE-03/14
Features
Integrated PLL loop filter
ESD protection also at ANT1/ANT2
(3kV HBM/150V MM; Except pin 2: 3kV HBM/100V MM)
High output power (8.0dBm) with low supply current (9.0mA)
Modulation scheme ASK/FSK
FSK modulation is achieved by connecting an additional capacitor between the
XTAL load capacitor and the open drain output of the modulating microcontroller
Easy to design-in due to excellent isolation of the PLL from the PA and power
supply
Single Li-cell for power supply
Supply voltage 2.0V to 4.0V in the temperature range of –40°C to +85°C/125°C
Package TSSOP8L
Single-ended antenna output with high efficient power amplifier
CLK output for clocking the microcontroller
One-chip solution with minimum external circuitry
125°C operation for tire pressure systems
T5753C
UHF ASK/FSK Transmitter
DATASHEET


Similar Part No. - T5753C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
T5753-6APJ ATMEL-T5753-6APJ Datasheet
201Kb / 13P
   UHF ASK/FSK Transmitter
T5753-6APJ ATMEL-T5753-6APJ Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
More results

Similar Description - T5753C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
T5754 ATMEL-T5754 Datasheet
215Kb / 13P
   UHF ASK/FSK TRANSMITTER
ATA8404 ATMEL-ATA8404_14 Datasheet
924Kb / 18P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com