Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C54 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # TS80C54
Description  Programmable Clock Out and Up/Down Timer/Counter 2
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C54 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button TS80C54_14 Datasheet HTML 6Page - ATMEL Corporation TS80C54_14 Datasheet HTML 7Page - ATMEL Corporation TS80C54_14 Datasheet HTML 8Page - ATMEL Corporation TS80C54_14 Datasheet HTML 9Page - ATMEL Corporation TS80C54_14 Datasheet HTML 10Page - ATMEL Corporation TS80C54_14 Datasheet HTML 11Page - ATMEL Corporation TS80C54_14 Datasheet HTML 12Page - ATMEL Corporation TS80C54_14 Datasheet HTML 13Page - ATMEL Corporation TS80C54_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
10
4431E–8051–04/06
AT/TS8xC54/8X2
Table 6-1.
CKCON Register
CKCON - Clock Control Register (8Fh)
Reset Value = XXXX XXX0b
Not bit addressable
F or further details on the X2 fe ature, please refer to ANM 072 ava ilable on the web
(http://www.atmel.com)
76
543
210
---
---
-
X2
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0X2
CPU and peripheral clock bit
Clear to select 12 clock periods per machine cycle (STD mode, FOSC=FXTAL/2).
Set to select 6 clock periods per machine cycle (X2 mode, FOSC=FXTAL).


Similar Part No. - TS80C54_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
TEMIC Semiconductors
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C54X2XXX-LCA ATMEL-TS80C54X2XXX-LCA Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54X2XXX-LCB ATMEL-TS80C54X2XXX-LCB Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54X2XXX-LCC ATMEL-TS80C54X2XXX-LCC Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
More results

Similar Description - TS80C54_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT87C51RB2 ATMEL-AT87C51RB2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS80C51RA2 ATMEL-TS80C51RA2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C54 ATMEL-TS87C54_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS87C58X2 ATMEL-TS87C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT83C51RD2 ATMEL-AT83C51RD2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
TS80C58X2 ATMEL-TS80C58X2_14 Datasheet
527Kb / 62P
   Programmable Clock Out and Up/Down Timer/Counter 2
T83C5101 ATMEL-T83C5101_14 Datasheet
679Kb / 58P
   Programmable Clock Out and Up/Down Timer/Counter 2
AT87C51RC2 ATMEL-AT87C51RC2_14 Datasheet
996Kb / 86P
   Programmable Clock Out and Up/Down Timer/Counter 2
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
   PROGRAMMABLE TIMER / COUNTER
logo
National Semiconductor ...
LM2240 NSC-LM2240 Datasheet
190Kb / 10P
   Programmable Timer/Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com