Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WILC1000 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # WILC1000
Description  Single Chip IEEE 802.11 b/g/n Link Controller SOC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

WILC1000 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button WILC1000_14 Datasheet HTML 3Page - ATMEL Corporation WILC1000_14 Datasheet HTML 4Page - ATMEL Corporation WILC1000_14 Datasheet HTML 5Page - ATMEL Corporation WILC1000_14 Datasheet HTML 6Page - ATMEL Corporation WILC1000_14 Datasheet HTML 7Page - ATMEL Corporation WILC1000_14 Datasheet HTML 8Page - ATMEL Corporation WILC1000_14 Datasheet HTML 9Page - ATMEL Corporation WILC1000_14 Datasheet HTML 10Page - ATMEL Corporation WILC1000_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
Atmel ATWILC1000A [PRELIMINARY DATASHEET]
Atmel-42351A-WILC1000-SmartConnect-Datasheet_092014
5.2
Power Consumption
5.2.1
Description of Device States
Atmel WILC1000 device has several Device States:
5.2.2
Controlling the Device States
Table 5-1 shows how to switch between the device states using the following:
Table 5-1.
WILC1000 Device State Control
Note:
1.
The device is Idle in ON_Doze state during Passive Scan waiting for the Beacon Signal
5.2.3
Restrictions for Power_Off State
When the Atmel WILC1000 is in the Device State Power_Off, there is no power supplied to the device, i.e., the
DC/DC Converter output and VDDIO are both off (at ground potential). In this case, a voltage cannot be applied
to the WILC1000 pins because each pin contains an ESD diode from the pin to supply. This diode will turn on
when voltage higher than one diode-drop is supplied to the pin.
If a voltage must be applied to the signal pads while the chip is in a low power state, the VDDIO supply must be
on, so the SLEEP state must be used.
Similarly, to prevent the pin-to-ground diode from turning on, do not apply a voltage that is more than one diode-
drop below ground to any pin.
ON_Transmit
ON_Receive
ON_Doze
SLEEP
Power_Off
̶
Device is actively transmitting an 802.11 signal
̶
Device is actively receiving an 802.11 signal
̶
Device is on but is neither transmitting nor receiving
̶
Device is asleep with 1.2V supply off
̶
Device is powered off; VDD_1P2 and VDDIO are off
CHI_EN
VDDIO
̶
Device pin (pin #23) used to enable DC/DC Converter
̶
I/O supply voltage from external supply
Device State
CHIP_EN
VDDIO
Remark
Power Consumption
ON_Transmit
VDDIO
On
Transmitting
172mA @3.3V (18dBm)
149mA @2.5V (14dBm)
117mA @2.0V (10dBm)
ON_Receive
VDDIO
On
Receiving
70mA @3.3V (-90dBm)
65mA @3.3V (-87dBm)
ON_Doze
VDDIO
On
Idle(1)
< 1mA
SLEEP
GND
On
< 4µA


Similar Description - WILC1000_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWILC1000B-MUT ATMEL-ATWILC1000B-MUT Datasheet
2Mb / 38P
   IEEE 802.11 b/g/n Link Controller SoC
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
ATMEL Corporation
ATWINC3400 ATMEL-ATWINC3400 Datasheet
1Mb / 35P
   Single Chip IEEE 802.11 b/g/n Network Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com