Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD4.7S Datasheet(PDF) 5 Page - NEC

Part # RD4.7S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD4.7S Datasheet(HTML) 5 Page - NEC

  RD4.7S Datasheet HTML 1Page - NEC RD4.7S Datasheet HTML 2Page - NEC RD4.7S Datasheet HTML 3Page - NEC RD4.7S Datasheet HTML 4Page - NEC RD4.7S Datasheet HTML 5Page - NEC RD4.7S Datasheet HTML 6Page - NEC RD4.7S Datasheet HTML 7Page - NEC RD4.7S Datasheet HTML 8Page - NEC RD4.7S Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RD2.0S to RD120S
5
Data Sheet D11444EJ3V0DS00
TYPICAL CHARACTERISTICS (TA = 25
°C)
Fig. 1 POWER DISSIPATION vs. AMBIENT TEMPERATURE
Fig. 2 ZENER CURRENT vs. ZENER VOLTAGE
Fig. 3 ZENER CURRENT vs. ZENER VOLTAGE
250
200
150
100
50
0
0
25
50
75
100
125
150
TA - Ambient Temperature - °C
30
×30×1.6
P. C. B. (Glass Epoxy)
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0
7
8
9
10 11
12 13
14 15
TA = 25 °C
TYP.
RD10S
RD12S
RD11S
RD13S
Vz - Zener Voltage - V
µ
µ
µ
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
010
123456789
VZ - Zener Voltage - V
RD3.9S
RD3.3S
RD2.4S
RD2.0S
RD2.2S
RD6.8S
RD9.1S
RD4.3S
RD4.7S
RD5.1S
RD6.2S
RD5.6S
RD7.5S
RD8.2S
RD3.0S
RD2.7S
RD3.6S
µ
µ
µ


Similar Part No. - RD4.7S

ManufacturerPart #DatasheetDescription
logo
NEC
RD4.7SL NEC-RD4.7SL Datasheet
84Kb / 7P
   ZENER DIODES
More results

Similar Description - RD4.7S

ManufacturerPart #DatasheetDescription
logo
NEC
RD47M NEC-RD47M Datasheet
67Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39MW NEC-RD39MW Datasheet
65Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD2.0M NEC-RD2.0M Datasheet
69Kb / 8P
   ZENER DIODES 200 mW 3-PIN MINI MOLD
RD39UM NEC-RD39UM Datasheet
63Kb / 8P
   ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
RD62Z NEC-RD62Z Datasheet
33Kb / 4P
   ZENER DIODE 200 mW ESD PROTECTION (5 V Signal Line) MINI MOLD
2SC4885 NEC-2SC4885 Datasheet
82Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR 3 PINS SUPER MINI MOLD
RD39UJ NEC-RD39UJ Datasheet
41Kb / 8P
   LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5223B MCC-MMXZ5223B_13 Datasheet
375Kb / 5P
   200 mW Zener Diodes 2.7 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com