Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMK212B7682MG-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # QMK212B7682MG-T
Description  Medium-high Voltage Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QMK212B7682MG-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  QMK212B7682MG-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QMK212B7682MG-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data- Jan-2011
RoHS compliance product
QMK212B7682MG
250V 2012 X7R 6800pF +/-20% t=1.35mmMAX
250V 0805 X7R 6800pF +/-20% t=0.053inchMAX
QMK212B7682MG
DC Bias Char.
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
50
100
150
200
250
DC Bias Voltage[V]
QMK212B7682MG
Capacitance Temp.
-30
-20
-10
0
10
-55
-35
-15
5
25
45
65
85
105 125
Temperature[degreeC]
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
QMK212B7682MG
Capacitance Freq.
0.0001
0.001
0.01
0.1
1
0.001 0.01
0.1
1
10
100
1000 10000
Frequency[MHz]
QMK212B7682MG
Impedance,ESR Freq.
0.01
0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
1000 10000
Frequency[MHz]
ESR
Z


Similar Part No. - QMK212B7682MG-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QMK212B7682MG8T TAIYO-YUDEN-QMK212B7682MG8T Datasheet
400Kb / 3P
   Medium-High Voltage MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
QMK212B7682MGHT TAIYO-YUDEN-QMK212B7682MGHT Datasheet
290Kb / 2P
   Medium-High Voltage MLCC for Automotive
More results

Similar Description - QMK212B7682MG-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMK107B7152KA-T TAIYO-YUDEN-HMK107B7152KA-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK107B7332MA-T TAIYO-YUDEN-HMK107B7332MA-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK107B7472MA-T TAIYO-YUDEN-HMK107B7472MA-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK432B7155KM-T TAIYO-YUDEN-HMK432B7155KM-T Datasheet
311Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK212B7102MD-T TAIYO-YUDEN-QMK212B7102MD-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
HMK432B7474KM-T TAIYO-YUDEN-HMK432B7474KM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK432B7224KM-T TAIYO-YUDEN-QMK432B7224KM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK432B7334MM-T TAIYO-YUDEN-QMK432B7334MM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
QMK432BJ334KM-T TAIYO-YUDEN-QMK432BJ334KM-T Datasheet
312Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
SMK316B7102MF-T TAIYO-YUDEN-SMK316B7102MF-T Datasheet
313Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
SMK316B7332MF-T TAIYO-YUDEN-SMK316B7332MF-T Datasheet
314Kb / 2P
   Medium-high Voltage Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com