Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG135_2015 Datasheet(PDF) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG135_2015
Description  NPN 7GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG135_2015 Datasheet(HTML) 7 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG135_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG135_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1995 Sep 13
7
Philips Semiconductors
Product specification
NPN 7GHz wideband transistor
BFG135
Fig.8
Intermodulation distortion as a function of
collector current.
VCE = 10 V; Vo = 900 mV; Tamb =25 °C;
f(p+q−r) = 443.25 MHz.
handbook, halfpage
20
120
45
70
65
MBB292
60
55
50
40
60
80
100
I
(mA)
C
d
(dB)
im
Fig.9
Intermodulation distortion as a function of
collector current.
VCE = 10 V; Vo = 850 mV; Tamb =25 °C;
f(p+q−r) = 793.25 MHz.
handbook, halfpage
20
120
45
70
65
MBB293
60
55
50
40
60
80
100
I
(mA)
C
d
(dB)
im
Fig.10 Second order intermodulation distortion as
a function of collector current.
VCE = 10 V; Vo = 50 dBmV; Tamb =25 °C;
f(p+q) = 450 MHz.
handbook, halfpage
20
120
45
70
65
MBB291
60
55
50
40
60
80
100
d 2
(dB)
I
(mA)
C
Fig.11 Second order intermodulation distortion as
a function of collector current.
VCE = 10 V; Vo = 50 dBmV; Tamb =25 °C
f(p+q) = 810 MHz.
handbook, halfpage
20
120
45
70
65
MBB290
60
55
50
40
60
80
100
d 2
(dB)
I
(mA)
C


Similar Part No. - BFG135_2015

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFG135A SIEMENS-BFG135A Datasheet
49Kb / 6P
   NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications)
logo
Infineon Technologies A...
BFG135A INFINEON-BFG135A Datasheet
100Kb / 6P
   NPN Silicon RF Transistor
Oct-26-1999
logo
Quanzhou Jinmei Electro...
BFG135 JMNIC-BFG135_15 Datasheet
91Kb / 12P
   NPN 7GHz wideband transistor
More results

Similar Description - BFG135_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG135 PHILIPS-BFG135 Datasheet
340Kb / 16P
   NPN 7GHz wideband transistor
1995 Sep 13
logo
Quanzhou Jinmei Electro...
BFG135 JMNIC-BFG135_15 Datasheet
91Kb / 12P
   NPN 7GHz wideband transistor
logo
NXP Semiconductors
BFG135 PHILIPS-BFG135 Datasheet
107Kb / 12P
   NPN 7GHz wideband transistor
1995 Sep 13
BFQ540 NXP-BFQ540_07 Datasheet
67Kb / 8P
   NPN wideband transistor
2000 May 23
logo
Quanzhou Jinmei Electro...
BFQ540 JMNIC-BFQ540_15 Datasheet
67Kb / 8P
   NPN wideband transistor
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W_15 Datasheet
390Kb / 16P
   NPN wideband transistor
1998 Oct 21
logo
Diodes Incorporated
BFR92A DIODES-BFR92A Datasheet
69Kb / 5P
   NPN WIDEBAND TRANSISTOR
DS30031 Rev. B-5
logo
NXP Semiconductors
BFG480W PHILIPS-BFG480W Datasheet
160Kb / 16P
   NPN wideband transistor
1998 Oct 21
BFQ540 PHILIPS-BFQ540 Datasheet
244Kb / 8P
   NPN wideband transistor
Rev. 04-25 September 2007
logo
Quanzhou Jinmei Electro...
BFG480W JMNIC-BFG480W_15 Datasheet
143Kb / 16P
   NPN wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com