Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG325_2015 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG325_2015
Description  NPN 14 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG325_2015 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFG325_2015 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG325_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9397 750 14247
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
2 of 12
Philips Semiconductors
BFG325/XR
NPN 14 GHz wideband transistor
[1]
Tsp is the temperature at the soldering point of the collector pin.
[2]
Gmax is the maximum power gain, if K > 1. If K < 1 then Gmax = MSG, see Figure 4.
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = p: made in Hong Kong.
5.
Limiting values
|s
21|
2
insertion power gain
IC = 15 mA; VCE =3V;
f = 1.8 GHz; Tamb =25 °C;
ZS =ZL =50 Ω
-14
-
dB
NF
noise figure
Γs = Γopt; IC = 3 mA;
VCE =3V; f=2GHz
-
1.1
-
dB
Table 1:
Quick reference data …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
collector
2
emitter
3
base
4
emitter
21
4
3
sym086
1
2, 4
3
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BFG325/XR
SC-61AA plastic surface mounted package; reverse pinning;
4 leads
SOT143R
Table 4:
Marking codes
Type number
Marking code [1]
BFG325/XR
S2*
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
15
V
VCEO
collector-emitter voltage
open base
-
6
V
VEBO
emitter-base voltage
open collector
-
2
V


Similar Part No. - BFG325_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG325-XR NXP-BFG325-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG325/XR PHILIPS-BFG325/XR Datasheet
78Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325W PHILIPS-BFG325W Datasheet
85Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325W NXP-BFG325W Datasheet
178Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG325W-XR PHILIPS-BFG325W-XR Datasheet
85Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
More results

Similar Description - BFG325_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG325W JMNIC-BFG325W_15 Datasheet
93Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
logo
Quanzhou Jinmei Electro...
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
BFG310 JMNIC-BFG310_15 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W PHILIPS-BFG310W Datasheet
75Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG310 PHILIPS-BFG310 Datasheet
73Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325W NXP-BFG325W Datasheet
178Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG325W PHILIPS-BFG325W Datasheet
85Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325 PHILIPS-BFG325 Datasheet
78Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
logo
Quanzhou Jinmei Electro...
BFG310_2015 JMNIC-BFG310_2015 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com