Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG403W_2015 Datasheet(PDF) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG403W_2015
Description  NPN 17 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG403W_2015 Datasheet(HTML) 9 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFG403W_2015 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFG403W_2015 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
1998 Mar 11
9
Philips Semiconductors
Product specification
NPN 17 GHz wideband transistor
BFG403W
SPICE parameters for the BFG403W die
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
5.554
aA
2
BF
145.0
3
NF
0.993
4
VAF
31.12
V
5
IKF
35.75
mA
6
ISE
35.35
fA
7
NE
3.000
8
BR
11.37
9
NR
0.985
10
VAR
1.874
V
11
IKR
0.014
A
12
ISC
57.08
aA
13
NC
1.546
14
RB
122.4
15
IRB
0.000
A
16
RBM
52.45
17
RE
1.511
18
RC
15.12
19 (1)
XTB
1.500
20 (1)
EG
1.110
eV
21 (1)
XTI
3.000
22
CJE
36.61
fF
23
VJE
900.0
mV
24
MJE
0.346
25
TF
4.122
ps
26
XTF
68.20
27
VTF
2.004
V
28
ITF
0.179
A
29
PTF
0.000
deg
30
CJC
16.21
fF
31
VJC
556.9
mV
32
MJC
0.207
33
XCJC
0.500
34 (1)
TR
00.00
ns
35 (1)
CJS
78.59
fF
36 (1)
VJS
418.3
mV
37 (1)
MJS
0.239
38
FC
0.550
Notes
1. These parameters have not been extracted, the
default values are shown.
2. Bonding pad capacity Cbp in series with substrate
resistance Rsb1 between B′ and E′.
3. Bonding pad capacity Cbp in series with substrate
resistance Rsb2 between C′ and E′.
List of components (see Fig.14)
Note
1. External emitter inductance to be added separately
due to the influence of the printed-circuit board.
39 (2)(3)
Cbp
145
fF
40 (2)
Rsb1
25
41 (3)
Rsb2
19
DESIGNATION
VALUE
UNIT
Cbe
80
fF
Ccb
2fF
Cce
80
fF
L1
1.1
nH
L2
1.1
nH
L3 (note 1)
0.25
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
QLB = 50; QLE = 50; QLB,E(f)=QLB,E√(f/fc)
fc = scaling frequency = 1 GHz.
Fig.14 Package equivalent circuit SOT343R2.
handbook, halfpage
MGD956
B
E
C
B'
C'
E'
L3
L1
L2
C cb
Cbe
ce
C


Similar Part No. - BFG403W_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
   NPN 17 GHz wideband transistor
1998 Mar 11
logo
Quanzhou Jinmei Electro...
BFG403W JMNIC-BFG403W_15 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
More results

Similar Description - BFG403W_2015

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG403W JMNIC-BFG403W_15 Datasheet
92Kb / 12P
   NPN 17 GHz wideband transistor
logo
NXP Semiconductors
BFG403W PHILIPS-BFG403W_15 Datasheet
399Kb / 13P
   NPN 17 GHz wideband transistor
1998 Mar 11
BFG403W PHILIPS-BFG403W Datasheet
106Kb / 12P
   NPN 17 GHz wideband transistor
1998 Mar 11
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
   NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
   NPN 2 GHz wideband transistor
September 1995
BFG197 PHILIPS-BFG197 Datasheet
93Kb / 13P
   NPN 7 GHz wideband transistor
1995 Sep 13
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
   NPN 6 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com