Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9006F Datasheet(PDF) 10 Page - Rohm

Part # BD9006F
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9006F Datasheet(HTML) 10 Page - Rohm

Back Button BD9006F Datasheet HTML 6Page - Rohm BD9006F Datasheet HTML 7Page - Rohm BD9006F Datasheet HTML 8Page - Rohm BD9006F Datasheet HTML 9Page - Rohm BD9006F Datasheet HTML 10Page - Rohm BD9006F Datasheet HTML 11Page - Rohm BD9006F Datasheet HTML 12Page - Rohm BD9006F Datasheet HTML 13Page - Rohm BD9006F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Note
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
10/18
BD9006F/HFP, BD9007F/HFP, BD9009HFP
●External synchronizing function
In order to activate the external synchronizing function, connect the frequency setting resistor to the RT pin and then input a
synchronizing signal to the EN/SYNC pin. As the synchronizing signal, input a pulse wave higher than a frequency
determined with the setting resistor (RT).
However, the external sync frequency should be configured at less than double the configured frequency.
(ex.) When the configured frequency is 100kHz, the external sync frequency should be less than 200kHz.
Furthermore, the pulse wave’s LOW voltage should be under 0.8V and the HIGH voltage over 2.6V (when the HIGH voltage
is over 6V the EN/SYNC input current increases [see p.4 Fig.8]), the through rate of stand-up (and stand-down) under 20V/
μS.
Fig.35 External Sync Sample Circuit
(Vo=3.3V, Io=1A, f=300kHz, EN/SYNC=450kHz)
VIN=13.2V
220μF
CIN
C28
2μF
SW
33μH
L1
C0
330μF
D1
47kΩ
R1
15kΩ
R2
GND
GND
GND
C3
open
R3
30kΩ
RT
REG
C2
open
C1
22000pF
51kΩ
BD9006HFP
BD9007HFP
BD9009HFP
Ven/sync=0~5V
f=450kHz
SR =20V/μ s
Duty=50%


Similar Part No. - BD9006F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9006F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com