Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9007HFP Datasheet(PDF) 6 Page - Rohm

Part # BD9007HFP
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9007HFP Datasheet(HTML) 6 Page - Rohm

Back Button BD9007HFP Datasheet HTML 2Page - Rohm BD9007HFP Datasheet HTML 3Page - Rohm BD9007HFP Datasheet HTML 4Page - Rohm BD9007HFP Datasheet HTML 5Page - Rohm BD9007HFP Datasheet HTML 6Page - Rohm BD9007HFP Datasheet HTML 7Page - Rohm BD9007HFP Datasheet HTML 8Page - Rohm BD9007HFP Datasheet HTML 9Page - Rohm BD9007HFP Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Technical Note
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
6/18
BD9006F/HFP, BD9007F/HFP, BD9009HFP
0
1
2
3
4
5
6
7
012
34
SW[A]
OUTPUT CURRENT :Io[A]
0
1
2
3
4
5
6
7
012
34
SW[A]
OUTPUT CURRENT :Io[A]
0
1
2
3
4
5
6
7
012
34
SW[A]
OUTPUT CURRENT :Io[A]
Vo=5V
f=300kHz
Ta=-40℃
Vo=5V
f=300kHz
Ta=25℃
Vo=5V
f=300kHz
Ta=105℃
0
1
2
3
4
5
6
7
8
9
10
01
23
4
56
78
OUTPUT CURRENT:Io[A]
左から Ta=105℃
      Ta=25℃
  
Ta=-40℃
Fig.25 Efficiency f=500kHz
(BD9009HFP)
Fig.26 Over-current Protection
Operation Current (BD9009HFP)
Fig.27 The lowest voltage of
possible operation Ta=-40℃
(BD9009HFP)
Fig.28 The lowest voltage of
possible operation Ta=25℃
(BD9009HFP)
Fig.29 The lowest voltage of
possible operation Ta=105℃
(BD9009HFP)
0
10
20
30
40
50
60
70
80
90
100
01
2
3
4
VIN=13.2V
f=500kHz
Ta=25℃
上から 5.0V出力
     3.3V出力
  
2.5V出力
     1.5V出力
OUTPUT CURRENT:Io[A]
FROM TOP:
5.0V OUTPUT
3.3V OUTPUT
2.5V OUTPUT
1.5V OUTPUT
FROM LEFT:
Ta=105℃
Ta=25℃
Ta=-40℃


Similar Part No. - BD9007HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9007HFP ROHM-BD9007HFP Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9007HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9001F-E2 ROHM-BD9001F-E2 Datasheet
807Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com