Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVL900-16IO1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # HVL900-16IO1
Description  AC Controller with Isolated Water Flow
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

HVL900-16IO1 Datasheet(HTML) 3 Page - IXYS Corporation

  HVL900-16IO1 Datasheet HTML 1Page - IXYS Corporation HVL900-16IO1 Datasheet HTML 2Page - IXYS Corporation HVL900-16IO1 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
2 l/min
4 l/min
6 l/min
Fig. 6 Transient thermal impedance vs. time
110
104
105
106
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
I
2t
s
t
ms
t
A2s
I
TSM
A
80 % V
RRM
T
VJ = 45°C
50 Hz
T
VJ = 140°C
T
VJ = 140°C
T
VJ = 45°C
V
R = 0V
Fig. 3 Surge overload current
I
TSM: Crest value, t: duration
Fig. 4 I2t versus time (1-10 ms)
1
10
100
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
ED [%]
Fig. 5 Rated rms current vs. duty cycle
n=1
n=100
n=50
n=25
n=10
n=5
n=2
0.001
0.01
0.1
1
10
100
1 10
3
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0.22
t [s]
HVL 900


Similar Part No. - HVL900-16IO1

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVL WELWYN-HVL Datasheet
107Kb / 2P
   High Voltage Low Inductance Thick film Resistors
logo
Taiyo Yuden (U.S.A.), I...
HVL-25V102MIE-R5 TAIYO-YUDEN-HVL-25V102MIE-R5 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
HVL-25V102MIEN-R5 TAIYO-YUDEN-HVL-25V102MIEN-R5 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
HVL-25V102MIEQ-R5 TAIYO-YUDEN-HVL-25V102MIEQ-R5 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Powertrain and Safety
HVL-25V221MG10-R2 TAIYO-YUDEN-HVL-25V221MG10-R2 Datasheet
372Kb / 2P
   Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
More results

Similar Description - HVL900-16IO1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKW1000 ETC1-SKW1000 Datasheet
112Kb / 2P
   ANTIPARALLEL THYRISTORS WITH NON-ISOLATED WATER FLOW
logo
TT Electronics.
DS1013 TTELEC-DS1013 Datasheet
340Kb / 2P
   Water Flow Transmitter
logo
List of Unclassifed Man...
YF-S201 ETC1-YF-S201 Datasheet
278Kb / 2P
   Water Flow Sensor
logo
TT Electronics.
DS1226 TTELEC-DS1226 Datasheet
335Kb / 2P
   Oil and Water Flow Meter
logo
Epson Company
S1C17M01 EPSON-S1C17M01 Datasheet
122Kb / 3P
   Flow meter controller with AFE
logo
List of Unclassifed Man...
YF-S401 ETC1-YF-S401 Datasheet
57Kb / 2P
   High Precision PVC Water Flow Sensor
logo
Insel Rectifier India P...
2XDCR1278SD IRI-2XDCR1278SD Datasheet
2Mb / 5P
   AC SWITCH(WATER COOLED)
2XDCR604SE IRI-2XDCR604SE Datasheet
2Mb / 4P
   AC SWITCH(WATER COOLED)
logo
List of Unclassifed Man...
SLI ETC2-SLI Datasheet
506Kb / 7P
   Media Isolated Microfluidic Flow Meter
logo
TT Electronics.
DS1541 TTELEC-DS1541 Datasheet
289Kb / 1P
   Pre-Set Flow Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com