Selected language     English  ā–¼


N-9MG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. N-9MG
Description  Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Secondary
Mounting
Type
Primary
Volts
RMS
Case
Dimensions
Dimensions
Wt.
Section
No.
VA
Volts
Ā±5%
Amps
Type
Connections
H
W
D
MW
MD
Lbs.
A
N-6U
200
230
115
1.70
U (2)
Leads
33/8
213/16
213/16
21/4
21/4
3.60
B
N-250MG
250
115
230
1.10
M (3)
6'-3 Wire Cord, Plug & Socket
37/8
31/4
311/16
21/2
27/16
6.60
C
N-5M
250
230
115
2.17
M (3)
6' Cord, Plug & Socket
37/8
39/32
41/4
21/2
3
7.00
N-5MG
250
230
115
2.17
M (3)
6' Cord, Plug & Socket
37/8
39/32
413/16
21/2
31/2
7.00
D
N-500MG
500
115
230
2.20
M (3)
6'-3 Wire Cord, Plug & Socket
45/8
37/8
43/4
335/8
11.20
E
N-7M
600
230
115
5.22
M (3)
6' Cord, Plug & Socket
N-7MG
600
230
115
5.22
M (3)
6' Cord, Plug & Socket
F
N-1000MG
1,000
115
230
4.35
M (4)
6'-3 Wire Cord, Plug & Socket
53/8
41/2
51/2
31/2
41/8
17.39
G
N-9M
1,250
230
115
10.85
M (4)
6' Cord, Plug & Socket
N-9MG
1,250
230
115
10.85
M (4)
6' Cord, Plug & Socket
H
N-11M
2,000
230
115
17.40
M (4)
6' Cord, Plug & Socket
N-11MG
2,000
230
115
17.40
M (4)
6' Cord, Plug & Socket
:: Step-Up/Step-D o w n A u totr ansf ormers c o ntinued
Has 3-wire plug, cord and socket
Mounting hole sizes: (2) = 13/64 x 3/8" (3) = 3/8 x 3/16" (4) = 21/32 x 9/32"
45/8
315/16
53
37/8
12.00
55/16
41/2
631/2
41/2
21.00
:: Outline Dimensions
T echnical Notes
1. Output wattage (VA) ratings 50 to 2,000 W.
2. Wide selection of case types, including 6' line cords, plugs, sockets and lugs.
3. All transformers are 50/60 Hz line frequency, except as noted.
4. Hi-pot tested at 1,500 VRMS.
53/8
41/2
81/4
31/2
67/8
33.25
A u totr ansf ormer




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl