Selected language     English  â–¼


N-9MG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. N-9MG
Description  Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Power Transformers
A u totr ansf ormers
Secondary
Mounting
Type
Primary
Volts
RMS
Case
Dimensions
Dimensions
Wt.
Section
No.
VA
Voltage
±5%
Amps
Type
Connections
H
W
D
MW
MD
Lbs.
A
N-1X
50
230
115
0.435
X (1)
Leads
29/32
311/16
231/8
•
1.5
B
N-3M
85
230
115
0.74
M (3)
6' Cord, Plug & Socket
319/32
231/32
27/8
21/4
15/8
3.0
N-3MG
85
230
115
0.74
M (3)
6' Cord, Plug & Socket
319/32
231/32
31/2
21/4
25/8
3.0
C
N-2X
100
230
115
0.87
X (1)
Leads
25/8
421/16
3-5/8
•
2.1
N-150MG
150
115
230
0.65
M (3)
6'-3 Wire Cord, Plug & Socket
319/32
231/32
35/16
21/4
21/8
4.9
D
F-302U#
150
277
115
1.30
U (2)
Leads
213/16
33/8
21/4
213/16
2
2.9
N-4M
150
230
115
1.30
M (3)
6' Cord, Plug & Socket
319/32
231/32
35/8
21/4
23/8
4.7
N-4MG
150
230
115
1.30
M (3)
6' Cord, Plug & Socket
319/32
231/32
41/4
21/4
27/8
4.7
:: Step-Up/Step-D o w n A u totr ansf ormers
Has 3-wire plug, cord and socket # 60 Hz
Mounting hole sizes: (1) = 3/16" (2) = 13/64 x 3/8" (3) = 3/8 x 3/16"
:: Description
Triad autotransformers are single winding transformers in which the
primary coil is a fraction of the entire winding for voltage step-up or
the secondary coil is a fraction of the entire winding for voltage
step-down (see Technical Notes for an equivalent circuit diagram). In
ordinary double wound power transformers, the primary and secondary
are isolated and all the power is transferred by induction. In auto-
transformers, part of the power is transferred conductively through
the windings. Triad autotransformers come in a variety of configurations,
case types and output watts (VA) ratings in excess of 2,000 watts. A
universal isolation/autotransformer/voltage control model is available with
up to a 4,000 output watts rating when operated as an autotransformer.
:: Specifica tions
See Technical Notes
C ase T y pe X
C ase T y pe M
C ase T y pe U




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl