Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN49597MNG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCN49597MNG
Description  Power Line Communication Modem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN49597MNG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCN49597MNG Datasheet HTML 6Page - ON Semiconductor NCN49597MNG Datasheet HTML 7Page - ON Semiconductor NCN49597MNG Datasheet HTML 8Page - ON Semiconductor NCN49597MNG Datasheet HTML 9Page - ON Semiconductor NCN49597MNG Datasheet HTML 10Page - ON Semiconductor NCN49597MNG Datasheet HTML 11Page - ON Semiconductor NCN49597MNG Datasheet HTML 12Page - ON Semiconductor NCN49597MNG Datasheet HTML 13Page - ON Semiconductor NCN49597MNG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
NCN49597
http://onsemi.com
10
Table 5. ELECTRICAL CHARACTERISTICS
All parameters are valid for TJ = −40°C to 125°C, VDD = 3.3 V, fCLK = 48 MHz ± 50 ppm unless otherwise specified.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
DIGITAL INPUTS WITH PULL−DOWN: TDI, TMS, TCK, TRSTB, TEST, SEN, IO8, IO9
Low input level (Note 26)
VIL
0.2 VDD
V
High input level (Note 26)
VIH
0.8 VDD
V
Pull−down resistor (Note 26)
Measured at VPin = VDD / 2
RPU
35
100
170
k
W
DIGITAL SCHMITT TRIGGER INPUTS: RXD, RESB, IO0..IO7, SDI
Rising threshold level (Note 27)
VT+
0.80 VDD
V
Falling threshold level (Note 27)
VT−
0.2 VDD
V
Input leakage current (Note 27)
ILEAK
−2
2
mA
BOOT LOADER TIMING (Parameters are valid for a baud rate of 115’200) (Note 28)
IO2 setup time to falling edge of RESB
(Note 29)
t2s
5
ms
Boot loader startup time
(Notes 29 and 30)
tstx
135
200
ms
Inter−byte timeout sent to modem
(Note 29)
tIB
20
ms
Boot loader acknowledgement after last
byte correctly received
(Note 29)
tACK
3.6
12
ms
IO2 hold time after start of acknowl-
edgement byte transmission
(Note 29)
t2h
36
ms
26. For IO8 and IO9, this parameter only applies if the pin is configured as input pin by the firmware.
27. For IO0
…IO7, this parameter only applies if the pin is configured as input pin by the firmware.
28. The timing constraints governing the boot loader when uploading firmware over the serial interface are illustrated in Figure 3.
29. These parameters will not be measured in production as the performance is determined by a digital circuit.
30. This parameter is specified with the oscillator stable. Refer to Tstartup for oscillator startup information.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Figure 3. Timing Constraints for Uploading the Firmware over the Serial Communication Interface (SCI)
IO2
TXD
RXD
STX
ACK
RESB
tACK
t2h
t2s
AAH
tstx
tds
tIB


Similar Part No. - NCN49597MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
More results

Similar Description - NCN49597MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
   Multi-Protocol Modem for Power Line Communication
8/17
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
   Programmable power line communication modem System on Chip
June 2018 Rev 3
logo
Maxim Integrated Produc...
MAX2990 MAXIM-MAX2990 Datasheet
247Kb / 2P
   10kHz to 490kHz OFDM-Based Power Line Communication Modem
Rev 0; 4/08
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
AMIS-49587_P2 ONSEMI-AMIS-49587_P2 Datasheet
730Kb / 55P
   Power Line Carrier Modem
December, 2009 -- Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com